Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR2DG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR2DG
Description  Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2DG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR2DG Datasheet HTML 1Page - Toshiba Semiconductor TCR2DG Datasheet HTML 2Page - Toshiba Semiconductor TCR2DG Datasheet HTML 3Page - Toshiba Semiconductor TCR2DG Datasheet HTML 4Page - Toshiba Semiconductor TCR2DG Datasheet HTML 5Page - Toshiba Semiconductor TCR2DG Datasheet HTML 6Page - Toshiba Semiconductor TCR2DG Datasheet HTML 7Page - Toshiba Semiconductor TCR2DG Datasheet HTML 8Page - Toshiba Semiconductor TCR2DG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TCR2DG series
2014-03-01
2
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6.0
V
Control voltage
VCT
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
200
mA
Power dissipation
PD
800
(Note1)
mW
Operation temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note1:
Rating at mounting on a board
Glass epoxy(FR4) board dimension: 40mm x 40mm x 1.8mm, both sides of board
Metal pattern ratio: a surface approximately 50%, the reverse side approximately 50%
Through hole: diameter 0.5mm x 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com