Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP804REP Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP804REP
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP804REP Datasheet(HTML) 2 Page - Sipex Corporation

  SP804REP Datasheet HTML 1Page - Sipex Corporation SP804REP Datasheet HTML 2Page - Sipex Corporation SP804REP Datasheet HTML 3Page - Sipex Corporation SP804REP Datasheet HTML 4Page - Sipex Corporation SP804REP Datasheet HTML 5Page - Sipex Corporation SP804REP Datasheet HTML 6Page - Sipex Corporation SP804REP Datasheet HTML 7Page - Sipex Corporation SP804REP Datasheet HTML 8Page - Sipex Corporation SP804REP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SP690T/S/R DS/10
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability and cause permanent damage to the device.
V
CC..................................................................................-0.3V to 6.0V
V
BATT................................................................................-0.3V to 6.0V
All Other Inputs (NOTE 1).................................-0.3V to the higher of V
CC or VBATT
Continuous Input Current:
V
CC..................................................................................100mA
V
BATT..................................................................................20mA
GND..................................................................................20mA
WDI, PFI...........................................................................20mA
Continuous Output Current:
RESET, RESET, PFO.........................................................20mA
V
OUT......................................................................................100mA
Power Dissipation per Package:
8pin NSOIC (derate 6.14mW/
°C above +70°C)..............500mW
8pin PDIP (derate 11.8mW/
°C above +70°C)..............1,000mW
Storage Temperature........................................-65
°C to +160°C
Lead Temperature(soldering,10sec).............................................+300
°C
ESD Rating........................................................4KV Human Body Model
SPECIFICATIONS
V
CC = 3.17V to 5.50V for the SP690T/SP80_T, VCC = 3.02V to 5.50V for the SP690S/SP80_S, VCC = 2.72V to 5.50V for the SP690R/SP80_R, VBATT = 3.60V, and
T
A = TMIN to TMAX unless otherwise noted. Typical values taken at TAMB = +25
OC.
S
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
,
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O0
.
15
.
5s
t
l
o
V
V
C
C
V
r
o
Y
R
E
T
T
A
B
,E
T
O
N1
V
C
C
I
,
t
n
e
r
r
u
C
y
l
p
p
u
S
Y
L
P
P
U
S
5
20
4
µA
I
g
n
i
d
u
l
c
x
e
T
U
O
V
C
C
y
r
e
t
t
a
B
n
i
t
n
e
r
r
u
C
y
l
p
p
u
S
e
d
o
M
p
u
k
c
a
B
0
20
4
µA
V
C
C
V
,
V
0
.
2
=
Y
R
E
T
T
A
B
,
V
3
.
2
=
I
g
n
i
d
u
l
c
x
e
T
U
O
V
Y
R
E
T
T
A
B
n
i
t
n
e
r
r
u
C
y
l
p
p
u
S
,
e
d
o
M
y
n
AE
T
O
N2
4
.
01
µA
I
g
n
i
d
u
l
c
x
e
T
U
O
V
Y
R
E
T
T
A
B
E
T
O
N
,
t
n
e
r
r
u
C
e
g
a
k
a
e
L3
1
0
0
.
05
.
0
µA
V
Y
R
E
T
T
A
B
E
T
O
N
,
t
n
e
r
r
u
C
e
g
a
k
a
e
L4
1
.
0
-
2
0
.
0
µA
V
>
V
3
.
3
C
C
V
>
Y
R
E
T
T
A
B
V
2
.
0
+
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
T
U
O
V
C
C
3
0
.
0
-
V
C
C
3
.
0
-
V
C
C
5
1
0
0
.
0
-
V
C
C
5
7
0
0
.
0
-
V
C
C
5
7
0
.
0
-
V
C
C
3
0
0
0
.
0
-
V
A
m
5
=
I
I
T
U
O
A
m
0
5
=
I
T
U
O
0
5
2
=
µ V
,
A
C
C
V
5
.
2
>
V
T
U
O
e
d
o
M
p
u
k
c
a
B
-
y
r
e
t
t
a
B
n
iV
Y
R
E
T
T
A
B
2
0
.
0
-V
Y
R
E
T
T
A
B
5
4
0
0
.
0
-
V
Y
R
E
T
T
A
B
8
1
0
.
0
-
V
Y
R
E
T
T
A
B
5
1
.
0
-
V
I
T
U
O
V
,
A
µ
0
5
2
=
Y
R
E
T
T
A
B
V
3
.
2
=
I
T
U
O
V
,
A
m
1
=
Y
R
E
T
T
A
B
V
3
.
2
=
I
T
U
O
B
V
,
A
m
0
1
=
Y
R
E
T
T
A
V
3
.
3
=
,
d
l
o
h
s
e
r
h
T
h
c
t
i
w
S
y
r
e
t
t
a
B
V
C
C
g
n
il
l
a
f
5
6
0
.
0
0
3
.
2
5
2
0
.
0
0
4
.
20
5
.
2
V
V
Y
R
E
T
T
A
B
V
-
C
C
V
,
W
S
V
>
C
C
5
E
T
O
N
,
V
5
7
.
1
>
V
Y
R
E
T
T
A
B
V
>
C
C
6
E
T
O
N
,
,
d
l
o
h
s
e
r
h
T
h
c
t
i
w
S
y
r
e
t
t
a
B
V
C
C
7
E
T
O
N
,
g
n
i
s
i
r
V
t
e
s
e
R
e
h
t
o
t
l
a
c
i
t
n
e
d
i
e
r
a
s
e
u
l
a
V
V
t
a
s
e
u
l
a
v
d
l
o
h
s
e
r
h
T
C
C
g
n
i
s
i
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com