Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS139 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS139
Description  Decoders/Demultiplexers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS139 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS139 Datasheet HTML 1Page - National Semiconductor (TI) 54LS139 Datasheet HTML 2Page - National Semiconductor (TI) 54LS139 Datasheet HTML 3Page - National Semiconductor (TI) 54LS139 Datasheet HTML 4Page - National Semiconductor (TI) 54LS139 Datasheet HTML 5Page - National Semiconductor (TI) 54LS139 Datasheet HTML 6Page - National Semiconductor (TI) 54LS139 Datasheet HTML 7Page - National Semiconductor (TI) 54LS139 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6391
June 1989
54LS138DM54LS138DM74LS138
54LS139DM54LS139DM74LS139
DecodersDemultiplexers
General Description
These Schottky-clamped circuits are designed to be used in
high-performance memory-decoding or data-routing appli-
cations requiring very short propagation delay times In
high-performance memory systems these decoders can be
used to minimize the effects of system decoding When
used with high-speed memories the delay times of these
decoders are usually less than the typical access time of the
memory This means that the effective system delay intro-
duced by the decoder is negligible
The LS138 decodes one-of-eight lines based upon the con-
ditions at the three binary select inputs and the three enable
inputs Two active-low and one active-high enable inputs
reduce the need for external gates or inverters when ex-
panding A 24-line decoder can be implemented with no ex-
ternal inverters and a 32-line decoder requires only one
inverter An enable input can be used as a data input for
demultiplexing applications
The LS139 comprises two separate two-line-to-four-line de-
coders in a single package The active-low enable input can
be used as a data line in demultiplexing applications
All of these decodersdemultiplexers feature fully buffered
inputs presenting only one normalized load to its driving
circuit
All inputs are clamped with high-performance
Schottky diodes to suppress line-ringing and simplify system
design
Features
Y
Designed specifically for high speed
Memory decoders
Data transmission systems
Y
LS138 3-to-8-line decoders incorporates 3 enable in-
puts to simplify cascading andor data reception
Y
LS139 contains two fully independent 2-to-4-line decod-
ersdemultiplexers
Y
Schottky clamped for high performance
Y
Typical propagation delay (3 levels of logic)
LS138
21 ns
LS139
21 ns
Y
Typical power dissipation
LS138
32 mW
LS139
34 mW
Y
Alternate
MilitaryAerospace
devices
(54LS138
54LS139) are available Contact a National Semicon-
ductor Sales OfficeDistributor for specifications
Connection Diagrams
Dual-in-Line Package
TLF6391 – 1
Order Number 54LS138DMQB 54LS138FMQB
54LS138LMQB DM54LS138J DM54LS138W
DM74LS138M or DM74LS138N
See NS Package Number E20A J16A
M16A N16E or W16A
Dual-in-Line Package
TLF6391 – 2
Order Number 54LS139DMQB 54LS139FMQB
54LS139LMQB DM54LS139J DM54LS139W
DM74LS139M or DM74LS139N
See NS Package Number E20A J16A
M16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54LS139

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
DUAL 4-INPUT SCHMITT TRIGGER
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
13-INPUT NAND GATE
54LS133DMQB NSC-54LS133DMQB Datasheet
52Kb / 2P
13-INPUT NAND GATE
54LS133FMQB NSC-54LS133FMQB Datasheet
52Kb / 2P
13-INPUT NAND GATE
54LS133LMQB NSC-54LS133LMQB Datasheet
52Kb / 2P
13-INPUT NAND GATE
More results

Similar Description - 54LS139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC138 TI-CD54AC138 Datasheet
39Kb / 7P
3-to-8-Line Decoders/Demultiplexers
logo
National Semiconductor ...
9311 NSC-9311 Datasheet
96Kb / 4P
DECODERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
3-Line-to-8-Line Decoders / Demultiplexers
logo
Unisonic Technologies
U74HCT138 UTC-U74HCT138 Datasheet
197Kb / 5P
3-TO-8 LINE DECODERS / DEMULTIPLEXERS
logo
Texas Instruments
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74HC138 UTC-U74HC138 Datasheet
205Kb / 6P
3-TO-8 LINE DECODERS / DEMULTIPLEXERS
U74HC138 UTC-U74HC138_15 Datasheet
226Kb / 6P
3-TO-8 LINE DECODERS DEMULTIPLEXERS
U74HCT138 UTC-U74HCT138_15 Datasheet
222Kb / 5P
3-TO-8 LINE DECODERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com