Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2431AM/TR Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2431AM/TR
Description  Precision Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2431AM/TR Datasheet(HTML) 9 Page - Sipex Corporation

  SPX2431AM/TR Datasheet HTML 1Page - Sipex Corporation SPX2431AM/TR Datasheet HTML 2Page - Sipex Corporation SPX2431AM/TR Datasheet HTML 3Page - Sipex Corporation SPX2431AM/TR Datasheet HTML 4Page - Sipex Corporation SPX2431AM/TR Datasheet HTML 5Page - Sipex Corporation SPX2431AM/TR Datasheet HTML 6Page - Sipex Corporation SPX2431AM/TR Datasheet HTML 7Page - Sipex Corporation SPX2431AM/TR Datasheet HTML 8Page - Sipex Corporation SPX2431AM/TR Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Date: 05/25/04
SPX2431 Precision Adjustable Shunt Regulator
© Copyright 2003 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
PART NUMBER
ACC
OUTPUT VOLTAGE
PACKAGES
SPX2431AM ...................... 0.5% ...................... 2.5V ......................... 3 Pin SOT-23
SPX2431AM/TR ................ 0.5% ...................... 2.5V ......................... 3 Pin SOT-23
SPX2431M ........................ 1.0% ...................... 2.5V ......................... 3 Pin SOT-23
SPX2431M/TR .................. 1.0% ...................... 2.5V ......................... 3 Pin SOT-23
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 2,500 for SOT-23.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com