Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6012SPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH6012SPS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6012SPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH6012SPS Datasheet HTML 1Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 2Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 3Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 4Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 5Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 6Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 7Page - Diodes Incorporated DMNH6012SPS Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMNH6012SPS
Document number: DS38084 Rev. 3 - 2
2 of 8
www.diodes.com
April 2016
© Diodes Incorporated
DMNH6012SPS
Marking Information
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
TC = +25°C
TC = +100°C
ID
50
30
A
Pulsed Drain Current (380µs Pulse, Duty Cycle = 1%)
IDM
120
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
2.6
A
Avalanche Current, L = 0.1mH (Note 7)
IAS
45
A
Avalanche Energy, L = 0.1mH (Note 7)
EAS
100
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.6
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
93
°C/W
t<10s
51
Total Power Dissipation (Note 6)
PD
3.1
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
49
°C/W
t<10s
26
Thermal Resistance, Junction to Case
RθJC
3.8
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
=Manufacturer
’s Marking
H6012SS = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week Code (01 to 53)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com