Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6008SPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMNH6008SPS
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6008SPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMNH6008SPS Datasheet HTML 1Page - Diodes Incorporated DMNH6008SPS Datasheet HTML 2Page - Diodes Incorporated DMNH6008SPS Datasheet HTML 3Page - Diodes Incorporated DMNH6008SPS Datasheet HTML 4Page - Diodes Incorporated DMNH6008SPS Datasheet HTML 5Page - Diodes Incorporated DMNH6008SPS Datasheet HTML 6Page - Diodes Incorporated DMNH6008SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMNH6008SPS
Document number: DS38136 Rev. 1 - 2
1 of 7
www.diodes.com
March 2016
© Diodes Incorporated
DMNH6008SPS
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
60V
8.0
mΩ @ VGS = 10V
16.5A
Description
This new generation N-Channel Enhancement Mode MOSFET is
designed to minimize RDS(ON) and yet maintain superior switching
performance. This device is ideal for use in notebook battery power
management and load switch.
Applications
Motor Control
DC-DC Converters
Power Management
Features
Thermally Efficient Package-Cooler Running Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
<1.1mm Package Profile
– Ideal for Thin Applications
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMNH6008SPSQ)
Mechanical Data
Case: POWERDI
®
5060-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMNH6008SPS-13
POWERDI
®
5060-8
2,500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
POWERDI
®
5060-8
Pin1
S
D
D
G
D
D
S
S
H6008SS
S
S
S
G
D
D
D
D
YY WW
=Manufacturer
’s Marking
H6008SS = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 15 = 2015)
WW = Week Code (01 to 53)
Green
D
S
G


Similar Part No. - DMNH6008SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6008SPSQ DIODES-DMNH6008SPSQ Datasheet
512Kb / 7P
Fast Switching Speed
Rev 1
DMNH6008SPSQ-13 DIODES-DMNH6008SPSQ-13 Datasheet
512Kb / 7P
Fast Switching Speed
Rev 1
More results

Similar Description - DMNH6008SPS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com