Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6040SSDQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6040SSDQ
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SSDQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6040SSDQ Datasheet HTML 1Page - Diodes Incorporated DMN6040SSDQ Datasheet HTML 2Page - Diodes Incorporated DMN6040SSDQ Datasheet HTML 3Page - Diodes Incorporated DMN6040SSDQ Datasheet HTML 4Page - Diodes Incorporated DMN6040SSDQ Datasheet HTML 5Page - Diodes Incorporated DMN6040SSDQ Datasheet HTML 6Page - Diodes Incorporated DMN6040SSDQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN6040SSDQ
Document number: DS38509 Rev. 1 - 2
2 of 7
www.diodes.com
December 2015
© Diodes Incorporated
DMN6040SSDQ
Maximum Ratings (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.0
4.1
A
t<10s
TA = +25°C
TA = +70°C
ID
6.6
5.3
A
Maximum Body Diode Forward Current (Note 7)
IS
2.5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
30
A
Avalanche Current (Note 8) L = 0.1mH
IAS
14.2
A
Avalanche Energy (Note 8) L = 0.1mH
EAS
10
mJ
Thermal Characteristics (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
102
°C/W
t<10s
61
Total Power Dissipation (Note 7)
TA = +25°C
PD
1.7
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RθJA
75
°C/W
t<10s
50
Thermal Resistance, Junction to Case (Note 7)
RθJC
14.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS


100
nA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
30
40
m
Ω
VGS = 10V, ID = 4.5A
35
55
VGS = 4.5V, ID = 3.5A
Forward Transfer Admittance
|YFS|
4.5
S
VDS = 10V, ID = 4.3A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
CISS
1,287
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
57
Reverse Transfer Capacitance
CRSS
44
Gate Resistance
RG

1.2

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
QG
22.4
nC
VDS = 30V, ID = 4.3A
Total Gate Charge (VGS = 4.5V)
QG

10.4

Gate-Source Charge
QGS
4.9
Gate-Drain Charge
QGD
3.0
Turn-On Delay Time
tD(ON)
6.6
ns
VGS = 10V, VDD = 30V, RG = 6Ω,
ID = 4.3A
Turn-On Rise Time
tR
8.1
Turn-Off Delay Time
tD(OFF)
20.1
Turn-Off Fall Time
tF

4.0

Body Diode Reverse Recovery Time
tRR

18

ns
IS = 4.3A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

11.9

nC
IS = 4.3A, dI/dt = 100A/µs
Notes:
6. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
8. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com