Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4800LSSQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN4800LSSQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4800LSSQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN4800LSSQ Datasheet HTML 1Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 2Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 3Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 4Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 5Page - Diodes Incorporated DMN4800LSSQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN4800LSSQ
Document number: DS37496 Rev. 1 - 2
2 of 6
www.diodes.com
March 2016
© Diodes Incorporated
DMN4800LSSQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
25
V
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
8.6
6.3
A
t<10s
TA = +25°C
TA = +70°C
ID
11.8
9.0
A
Maximum Body Diode Forward Current (Note 7)
IS
2.4
A
Pulsed Drain Current (Note 8)
IDM
50
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.46
W
TA = +70°C
0.9
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
86
°C/W
t<10s
46
Total Power Dissipation (Note 7)
TA = +25°C
PD
1.7
W
TA = +70°C
1.0
Thermal Resistance, Junction to Ambient (Note 7)
Steady state
RJA
75
°C/W
t<10s
40
Thermal Resistance, Junction to Case (Note 7)
RJC
15
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(th)
0.8
1.2
1.6
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
11
14
14
20
m
Ω
VGS = 10V, ID = 9A
VGS = 4.5V, ID = 7A
Forward Transconductance
gfs
8
S
VDS = 10V, ID = 9A
Diode Forward Voltage
VSD
0.72
0.94
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
798
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
128
pF
Reverse Transfer Capacitance
Crss
122
pF
Gate Resistance
RG

1.37

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg

8.7

nC
VGS = 5V, VDS = 15V, ID = 9A
Gate-Source Charge
Qgs

1.7

Gate-Drain Charge
Qgd

2.4

Turn-On Delay Time
td(on)

5.03

ns
VDD = 15V, VGEN = 10V,
RL = 15ΩRG = 6.0ΩID = 1A
Rise Time
tr

4.50

Turn-Off Delay Time
td(off)

26.33

Fall Time
tf

8.55

Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout.
8. Repetitive rating, pulse width limited by junction temperature.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com