Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3023L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3023L
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3023L Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3023L Datasheet HTML 1Page - Diodes Incorporated DMN3023L Datasheet HTML 2Page - Diodes Incorporated DMN3023L Datasheet HTML 3Page - Diodes Incorporated DMN3023L Datasheet HTML 4Page - Diodes Incorporated DMN3023L Datasheet HTML 5Page - Diodes Incorporated DMN3023L Datasheet HTML 6Page - Diodes Incorporated DMN3023L Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN3023L
Document number: DS37248 Rev. 2 - 2
3 of 7
www.diodes.com
August 2015
© Diodes Incorporated
DMN3023L
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
VGS=2.2V
VGS=2.5V
VGS=3.0 V
VGS=3.5V
VGS=4.5V
VGS=4.0V
VGS=10V
0
2
4
6
8
10
12
14
16
18
20
1
1.5
2
2.5
3
3.5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2 Typical Transfer Characteristic
V
DS=5V
TA=-55℃
TA=+25℃
TA=+85℃
TA=+125℃
TA=+150℃
0.014
0.015
0.016
0.017
0.018
0.019
0.02
0.021
0.022
0.023
0.024
0
2
4
6
8
10
12
14
16
18
20
I
D, DRAIN-SOURCE CURRENT
Figure 3 Typical On-Resistance vs Drain Current
and Gate Voltage
VGS=4.5V
VGS=10V
0
0.02
0.04
0.06
0.08
0.1
0
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4 Typical Transfer Characteristic
ID=4.0A
ID=3.5A
0.01
0.012
0.014
0.016
0.018
0.02
0.022
0.024
0.026
0.028
0.03
0.032
0.034
0.036
0
2
4
6
8
10 12 14 16 18 20
I
D, DRAIN CURRENT (A)
Figure 5 Typical On-Resistance vs Drain Current
and Temperature
V
GS= 4.5V
TA=-55℃
TA=+25℃
TA=+85℃
TA=+125℃
TA=+150℃
0.6
0.8
1
1.2
1.4
1.6
1.8
-50 -25
0
25
50
75
100 125 150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6 On-Resistance Variation with Temperature
VGS=10V, ID=4A
VGS=4.5V, ID=3.5A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com