Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9141 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9141
Description  Load Disconnection Function, 0.8A Step-up DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9141 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9141 Datasheet HTML 17Page - Torex Semiconductor XC9141 Datasheet HTML 18Page - Torex Semiconductor XC9141 Datasheet HTML 19Page - Torex Semiconductor XC9141 Datasheet HTML 20Page - Torex Semiconductor XC9141 Datasheet HTML 21Page - Torex Semiconductor XC9141 Datasheet HTML 22Page - Torex Semiconductor XC9141 Datasheet HTML 23Page - Torex Semiconductor XC9141 Datasheet HTML 24Page - Torex Semiconductor XC9141 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
XC9141/XC9142
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(20) Operation Start Voltage vs. Ambient temperture
(21) Operation Hold Voltage vs. Ambient temperture
(22) Current Limit vs. Ambient temperture
XC9141xxxC / XC9142xxxC
XC9141xxxD / XC9142xxxD
XC9141 / XC9142
XC9141 / XC9142
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
255075
100
Ambient Temperature : Ta[℃]
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
Ambient Temperature : Ta[℃]
VOUT=1.8, 3.3V
VOUT=5.0V
VOUT=5.0V
VOUT=3.3V
VOUT=1.8V
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50-25
0
25
50
75100
Ambient Temperature : Ta[℃]
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50-25
0
25
50
75100
Ambient Temperature : Ta[℃]
VOUT=3.3V
VOUT=5.0V
VOUT=5.0V
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com