Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL210 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XCL210
Description  50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL210 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XCL210 Datasheet HTML 15Page - Torex Semiconductor XCL210 Datasheet HTML 16Page - Torex Semiconductor XCL210 Datasheet HTML 17Page - Torex Semiconductor XCL210 Datasheet HTML 18Page - Torex Semiconductor XCL210 Datasheet HTML 19Page - Torex Semiconductor XCL210 Datasheet HTML 20Page - Torex Semiconductor XCL210 Datasheet HTML 21Page - Torex Semiconductor XCL210 Datasheet HTML 22Page - Torex Semiconductor XCL210 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19/24
XCL210
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
3) Ripple Voltage vs. Output Current
0
50
100
150
200
0.01
0.1
1
10
100
Output Current: IOUT [mA]
Vin=4.2V,CL=22uF
Vin=4.2V,CL=22uF×2
Vin=5.0V,CL=22uF
Vin=5.0V,CL=22uF×2
0
50
100
150
200
0.01
0.1
1
10
100
Output Current: IOUT [mA]
Vin=4.2V,CL=22uF
Vin=4.2V,CL=22uF×2
Vin=5.0V,CL=22uF
Vin=5.0V,CL=22uF×2
0
50
100
150
200
0.01
0.1
1
10
100
Output Current: IOUT [mA]
Vin=3.0V,CL=22uF
Vin=3.0V,CL=22uF×2
Vin=4.2V,CL=22uF
Vin=4.2V,CL=22uF×2
0
50
100
150
200
0.01
0.1
1
10
100
Output Current: IOUT [mA]
Vin=3.0V,CL=22uF
Vin=3.0V,CL=22uF×2
Vin=4.2V,CL=22uF
Vin=4.2V,CL=22uF×2
0
50
100
150
200
0.01
0.1
1
10
100
Output Current: IOUT [mA]
Vin=3.0V,CL=22uF
Vin=3.0V,CL=22uF×2
Vin=4.2V,CL=22uF
Vin=4.2V,CL=22uF×2
0
50
100
150
200
0.01
0.1
1
10
100
Output Current: IOUT [mA]
Vin=3.0V,CL=22uF
Vin=3.0V,CL=22uF×2
Vin=4.2V,CL=22uF
Vin=4.2V,CL=22uF×2
XCL210B121GR-G/XCL210D121GR-G
XCL210B181GR-G/XCL210D181GR-G
XCL210A121GR-G/XCL210C121GR-G
XCL210A181GR-G/XCL210C181GR-G
XCL210A331GR-G/XCL210C331GR-G
XCL210B331GR-G/XCL210D331GR-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com