Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9324 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 9324
Description  5-Bit Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

9324 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  9324 Datasheet HTML 1Page - National Semiconductor (TI) 9324 Datasheet HTML 2Page - National Semiconductor (TI) 9324 Datasheet HTML 3Page - National Semiconductor (TI) 9324 Datasheet HTML 4Page - National Semiconductor (TI) 9324 Datasheet HTML 5Page - National Semiconductor (TI) 9324 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configurations)
Symbol
Parameter
CL e 15 pF
Units
Min
Max
tPLH
Propagation Delay
14
ns
tPHL
E to A e B14
tPLH
Propagation Delay
25
ns
tPHL
An Bn to A l B22
tPLH
Propagation Delay
26
ns
tPHL
An Bn to A k B21
tPLH
Propagation Delay
30
ns
tPHL
An Bn to A e B32
Functional Description
The ’24 5-bit comparators use combinational circuitry to di-
rectly generate ‘‘A greater than B’’ and ‘‘A less than B’’
outputs As evident from the logic diagram these outputs
are generated in only three gate delays The ‘‘A equals B’’
output is generated in one additional gate delay by decoding
the ‘‘A neither less than nor greater than B’’ condition with a
NOR gate All three outputs are activated by the active LOW
Enable Input (E)
Tying the A l B output from one device into an A input on
another device and the A k B output into the corresponding
B input permits easy expansion
The A4 and B4 inputs are the most significant inputs and
A0 B0 the least significant Thus if A4 is HIGH and B4 is
LOW the A l B output will be HIGH regardless of all other
inputs except E
Truth Table
Inputs
Outputs
E
An
Bn
A k BA l BA e B
HX
X
L
L
L
L
Word A e Word B
L
L
H
L
Word A l Word B
L
H
L
L
Word B l Word A
H
L
L
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Logic Symbol
TLF9792 – 2
VCC e Pin 16
GND e Pin 6
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com