Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBQC0130L-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBQC0130L-HF
Description  Low VF SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQC0130L-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBQC0130L-HF Datasheet HTML 1Page - Comchip Technology CDBQC0130L-HF Datasheet HTML 2Page - Comchip Technology CDBQC0130L-HF Datasheet HTML 3Page - Comchip Technology CDBQC0130L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
+125
OC
TSTG
Symbol
Typ
Parameter
Conditions
Min
Max
Unit
Forward voltage
VF
V
Reverse current
Capacitance between terminals
VR = 1V, f = 1 MHZ
IR
CT
uA
pF
14
10
CDBQC0130L-HF
Low VF SMD Schottky Barrier Diode
QW-G1113
O
Maximum Rating (at TA=25 C unless otherwise noted)
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Page 1
Typ
IO
VR
VRRM
Average forward rectified current
Reverse voltage
Repetitive Peak reverse voltage
Peak forward surge current
Symbol
Parameter
Conditions
Min
Max
Unit
V
V
mA
100
30
35
Tj
Storage temperature range
Junction temperature range
OC
+125
-40
IFSM
8.3 ms single half sine-wave (1 cyc)
3
A
REV:B
Io = 100 mA
VR = 30 Volts
RoHS Device
Halogen Free
°C/W
200
Thermal resistance
Junction to ambient
RΘJA
Mechanical data
- Terminals: Matte tin plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any
- Weight: 0.001 grams(approx.).
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Polarity: Cathode band & BP
Circuit Diagram
Features
- Low forward voltage.
- Designed for mounting on small surface.
- Extremely thin package.
- Majority carrier conduction.
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
IF = 10mA
0.30
VR = 10V
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.012(0.30)
0.008(0.20)
0.018(0.45)
0.001(0.02)
Max.
0.25
20
-40


Similar Part No. - CDBQC0130L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBQC0130R-HF COMCHIP-CDBQC0130R-HF Datasheet
469Kb / 4P
SMD Schottky Barrier Diode
REV:A
More results

Similar Description - CDBQC0130L-HF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
Low VF SMD Schottky Barrier Diode
SD103AXG TSC-SD103AXG Datasheet
142Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAS40 TSC-BAS40_14 Datasheet
244Kb / 5P
Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
Low VF SMD Schottky Barrier Diode
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
Low VF SMD Schottky Barrier Diode
REV:D
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com