Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS20DPR Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCS20DPR
Description  Digital Output Magnetic Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCS20DPR Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCS20DPR Datasheet HTML 1Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 2Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 3Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 4Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 5Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 6Page - Toshiba Semiconductor TCS20DPR Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TCS20DPR
2014-03-01
3
DC Characteristics (Ta = 25°C)
Characteristics
Symbol
Condition
VCC (V)
Min
Typ.
Max
Unit
2.3
2.0
⎯
⎯
2.5
2.2
⎯
⎯
3.3
2.9
⎯
⎯
3.6
3.2
⎯
⎯
High Level
VOH
IOH = −1.0 mA
5.0
4.5
⎯
⎯
2.3
⎯
⎯
0.23
2.5
⎯
⎯
0.25
3.3
⎯
⎯
0.33
3.6
⎯
⎯
0.36
Output Voltage
Low Level
VOL
IOL = 1.0mA
5.0
⎯
⎯
0.50
V
2.3
⎯
7.3
13.2
2.5
⎯
8.5
⎯
3.3
⎯
12.8
⎯
Average
Current
ICC
Current at pulse
driving
(Note 3, Fig. A)
5.0
⎯
19.0
⎯
μA
2.3
⎯
0.7
1.1
2.5
⎯
0.8
⎯
3.3
⎯
1.2
⎯
Supply Current
Operating
Current
ICCON
Peak current
(Note 3, Fig. A)
5.0
⎯
1.6
⎯
mA
Operating Frequency
fopr
(Fig. A)
2.3 to 5.0
⎯
25
⎯
Hz
Note 3: Supply current is pulsed periodically by internal circuit.
Magnetic Characteristics (Ta = 25°C)
Characteristics
Symbol
Condition
(Note 4, Fig. B)
VCC (V)
Min
Typ.
Max
Unit
2.3 to 3.6
⎯
3.4
4.4
Operating Point
BONS
|BONN|
When output logic
turns High to Low
5.0
⎯
2.8
4.4
2.3 to 3.6
0.9
2.0
⎯
Releasing Point
BOFFS
|BOFFN|
When output logic
turns Low to High
5.0
0.4
1.5
⎯
Magnetic
Flux
Density, B
Hysteresis
BH
|BON - BOFF|
2.3 to 5.0
⎯
1.4
⎯
mT*
*1 mT=10 Gauss
Note 4: Uniform magnetic field perpendicularly to the magnetic sensor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com