Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBQC0240LR-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBQC0240LR-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQC0240LR-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBQC0240LR-HF Datasheet HTML 1Page - Comchip Technology CDBQC0240LR-HF Datasheet HTML 2Page - Comchip Technology CDBQC0240LR-HF Datasheet HTML 3Page - Comchip Technology CDBQC0240LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBQC0240LR-HF)
SMD Schottky Barrier Diode
Forward Voltage, (V)
Fig.1 - Forward Characteristics
Fig.2 - Reverse Characteristics
0
20
40
60
80
100
O
Ambient Temperature, ( C)
Fig.4 - Current Derating Curve
0
10
1000
1.0
0
10
20
30
40
100
QW-G1122
Page 2
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
0.1
Reverse Voltage, (V)
0
10
25
20
Fig.3 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
0.1
0.3
0
0.4
0.5
0.6
0.2
100
125
75
50
25
0
10
0.5
0
10000
Comchip Technology CO., LTD.
Mounting on glass epoxy PCBs
1.0
100
0
1000
10
T =50°C
A
T =25°C
A
T =75°C
A
TA=
O
125 C
O
T =100 C
A
O
T =25 C
A
O
T =100 C
A
TA=
O
125 C
O
T =50 C
A
O
T =75 C
A
5
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com