Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2950 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SPX2950
Description  150mA Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2950 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SPX2950 Datasheet HTML 5Page - Sipex Corporation SPX2950 Datasheet HTML 6Page - Sipex Corporation SPX2950 Datasheet HTML 7Page - Sipex Corporation SPX2950 Datasheet HTML 8Page - Sipex Corporation SPX2950 Datasheet HTML 9Page - Sipex Corporation SPX2950 Datasheet HTML 10Page - Sipex Corporation SPX2950 Datasheet HTML 11Page - Sipex Corporation SPX2950 Datasheet HTML 12Page - Sipex Corporation SPX2950 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
PACKAGE DIAGRAM
TO-92 (N)
8-Pin Surface Mount (S)
1
SPX2951 Top View
2
3
4
5
6
7
8
OUTPUT
SENSE
SHUTDOWN
GROUND
INPUT
FEEDBACK
5V or 3.3V Output
ERROR
SPX2950 Bottom View
13
2
V
IN
GROUND
V
OUT
ORDERING INFORMATION
Ordering No.
Accuracy
Output Voltage
Packages
SPX2950ACN-3.3
0.5%
3.3V
3-Pin TO-92
SPX2950ACN-5.0
0.5%
5.0V
3-Pin TO-92
SPX2950CN-3.3
1%
3.3V
3-Pin TO-92
SPX2950CN-5.0
1%
5.0V
3-Pin TO-92
SPX2951ACS-3.3
0.5%
3.3V
8-Pin SOIC
SPX2951ACS-5.0
0.5%
5.0V
8-Pin SOIC
SPX2951CS-3.3
1%
3.3V
8-Pin SOIC
SPX2951CS-5.0
1%
5.0V
8-Pin SOIC
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com