Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX29501 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX29501
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29501 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX29501 Datasheet HTML 1Page - Sipex Corporation SPX29501 Datasheet HTML 2Page - Sipex Corporation SPX29501 Datasheet HTML 3Page - Sipex Corporation SPX29501 Datasheet HTML 4Page - Sipex Corporation SPX29501 Datasheet HTML 5Page - Sipex Corporation SPX29501 Datasheet HTML 6Page - Sipex Corporation SPX29501 Datasheet HTML 7Page - Sipex Corporation SPX29501 Datasheet HTML 8Page - Sipex Corporation SPX29501 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (soldering, 5 seconds)
................260°C
Storage Temperature Range........................-65°C to +150°C
Operating Junction Temperature Range......-40°C to +125°C
Input Voltage (Note 1) .................................................... 20V
ELECTRICAL CHARACTERISTICS
Specifications are at VIN = VOUT + 1V and IOUT = 10mA, CIN = 6.8µF, COUT = 22µF, TA = 25°C, unless otherwise specified.
The
♦ denotes the specifications which apply over the full operating temperature range, unless otherwise specified.
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Fixed Voltage Options
SPX29500/01
1.8V Version
Output Voltage
1.782
1.800
1.818
V
IOUT = 10mA
1.764
1.800
1.836
♦ 10mA ≤ IOUT ≤ 5A, 2.8V ≤ VIN ≤ 16V
2.5V Version
Output Voltage
2.475
2.500
2.525
V
IOUT = 10mA
2.450
2.500
2.550
♦ 10mA ≤ IOUT ≤ 5A, 3.5V ≤ VIN ≤ 16V
3.3V Version
Output Voltage
3.267
3.300
3.333
V
IOUT = 10mA
3.234
3.300
3.366
♦ 10mA ≤ IOUT ≤ 5A, 4.3V ≤ VIN ≤ 16V
5.0V Version
Output Voltage
4.950
5.000
5.050
V
IOUT = 10mA
4.900
5.000
5.100
♦ 10mA ≤ IOUT ≤ 5A, 6.0V ≤ VIN ≤ 16V
All Voltage Options
SPX29500/01/02/03
Line Regulation
0.06
0.5
%
IOUT=10mA,(VOUT+1V) ≤ VIN ≤ 16V
Load Regulation
0.2
1
%
VIN=VOUT+2V, 10mA≤ IOUT ≤ IFL (Note 2)
∆V/∆T20
100
ppm/°C
♦ VOUT Temp Coefficient (Note 5)
Dropout Voltage, except
80
250
mV
♦ IOUT=250mA
1.8V
200
IOUT=2.5A
370
600
♦ IOUT=5A
Ground Current
20
50
mA
♦ IOUT=2.5A
(Note 4)
70
IOUT=5A
Ground Pin Current
3
mA
VIN=0.5V less than specified VOUT,
at Dropout
IOUT=10mA
Current Limit
7.5
10
A
♦ (Note 3)
Output Noise Voltage
425
µVRMS
CL=22µF
(10Hz to 100kHz)
IL=100mA
350
CL=33µF
Reference Voltage
1.228
1.240
1.252
V
Adjustable version only
1.215
1.265
♦
Reference Voltage
1.203
1.277
V
Adjustable version only (Note 7)
Adjust Pin Bias Current
40
80
nA
120
♦
Reference Voltage
20
ppm/°C
(Note 6)
Temp. Coeff.
Adjust Pin Bias
0.1
nA/°C
Current Temp. Coeff.
OPERATING RATINGS
Input Voltage ................................................................... 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com