Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6301 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS6301
Description  AC LINE FREQUENCY TIMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6301 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS6301 Datasheet HTML 1Page - LSI Computer Systems LS6301 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC LINE FREQUENCY TIMER
June 2004
FEATURES:
• Selectable Timing Intervals
• Internal Voltage Regulator
• Schmitt Trigger on all inputs for high noise immunity
• Power-On-Reset
• Built-in discharge when power is removed
• Output to drive an SCR connected to load
• Output to flash an indicator when timeout has occurred
• LS6301 (DIP); LS6301-S (SOIC) - See Figure 1
DESCRIPTION:
The circuit operates by counting AC power line cycles. When the
selected timeout occurs, the circuit will switch an external power
device. Selectable timing intervals using 3 mode pins are indicated
in Table 1. The circuit contains a Power-On-Reset (POR) to zero
out all the timing counters upon power-up. A positive or negative
transition of any of the A, B or C timing mode input pins will cause
the timer to reset and begin again. Once time-out is achieved, it re-
mains latched until a mode pin transition occurs or POR occurs.
TABLE 1. TIMING INTERVALS (60 Hz INPUT)
A INPUT
B INPUT
C INPUT
TIMING I NTERVAL
Vss
Vss
Vss
15 Minutes
Vss
Vss
VDD
2 Minutes
Vss
VDD
Vss
30 Minutes
Vss
VDD
VDD
45 Minutes
VDD
Vss
Vss
30 Seconds
VDD
Vss
VDD
15 Minutes
VDD
VDD
Vss
1 Hour
VDD
VDD
VDD
2 Hours
1
2
3
4
5
6
7
8
B
A
OUT 1
AC IN
VDD (-V)
VSS (+V)
FIGURE 1
PIN ASSIGNMENT - TOP VIEW
OUT 2
C
6301-060804-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS6301
UL
®
A3800
The C input mode pin contains an internal pull up resistor for
directly connecting to a SPST switch. By tying either the A or B
input, or both, to the C input and using the C input as the time-
out selection, a maximum number of timeout combinations can
be achieved.
Output 1 is normally low and goes high at the end of the
selected timing interval. It produces a 1.85Hz output square
wave signal and is normally used to drive an SCR with a load
such as a thermal relay or a neon indicator lamp.
Output 2 is normally high and goes low at the end of the
selected timing interval. The output drives an SCR whose load
could be a relay, resistance heater or some other device. The
load would be turned off at the end of the timing interval.
ELECTRICAL CHARACTERISTICS:
Operating Temperature 0°C to 85°C
Min
Typical
Max
Unit
Power-On-Reset
-
3.0
-
V
Hysteresis
-
0.8
-
V
Regulating Voltage
-
5.5
-
V
Timing Mode Pins:
Pull-up current (Pin 5 only)
-
100
-
uA
Pos. Threshold Voltage (VREG = 5.5V)
-
-
4.9
V
Neg. Threshold Voltage (VREG = 5.5V)
0.7
-
-
V
AC Input Pin
Maximum frequency
1.0
-
-
MHz
Input Current
± 10
-
-
mA
Positive Threshold Voltage (VREG = 5.5V)
-
-
4.9
V
Negative Threshold Voltage (VREG = 5.5V)
0.7
-
-
V
Hysteresis
2.0
-
-
V
Output 1 (Pin 2); Output 2 (Pin 3)
Source Current: Vo = 0.4V; TA = 0°C to 85°C
150
-
950
uA
Sink Current: Vo = 0.4V; TA = 0°C to 85°C
3.8
-
-
mA


Similar Part No. - LS6301

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS6 CITIZEN-LS6 Datasheet
490Kb / 1P
Illuminated Type
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
COMMON MODE CHOKE COIL
logo
Teledyne Technologies I...
LS60 TELEDYNE-LS60 Datasheet
460Kb / 6P
30A to 600 Vac SIP Package DC Control
logo
Texas Instruments
LS600 TI-LS600 Datasheet
151Kb / 9P
N.P.N PLANAR SILICON PHOTOTRANSISTORS
LS602 TI-LS602 Datasheet
151Kb / 9P
N.P.N PLANAR SILICON PHOTOTRANSISTORS
More results

Similar Description - LS6301

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC292 HITACHI-HD74HC292 Datasheet
68Kb / 12P
Programmable Frequency Divider/Digital Timer
logo
LSI Computer Systems
RED LSI-RED Datasheet
35Kb / 2P
AC LINE FREQUENCY DIVIDERS
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
Programmable Frequency Divider/Digital Timer
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
logo
Omron Electronics LLC
E3A2-10L OMRON-E3A2-10L Datasheet
441Kb / 6P
AC/DC Supply with Timer Models
E3A2-DS70M4T OMRON-E3A2-DS70M4T Datasheet
441Kb / 6P
AC/DC Supply with Timer Models
E3A2-R3M4D OMRON-E3A2-R3M4D Datasheet
433Kb / 6P
AC/DC Supply with Timer Models
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
TimerBlox Long Timer, Low Frequency Oscillator
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
Long Timer, Low Frequency Oscillator
logo
MOSDESIGN SEMICONDUCTOR...
M6611 MOSDESIGN-M6611 Datasheet
138Kb / 5P
AC Timer
2016-11-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com