Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2969S/TR Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2969S/TR
Description  150mA Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2969S/TR Datasheet(HTML) 9 Page - Sipex Corporation

  SPX2969S/TR Datasheet HTML 1Page - Sipex Corporation SPX2969S/TR Datasheet HTML 2Page - Sipex Corporation SPX2969S/TR Datasheet HTML 3Page - Sipex Corporation SPX2969S/TR Datasheet HTML 4Page - Sipex Corporation SPX2969S/TR Datasheet HTML 5Page - Sipex Corporation SPX2969S/TR Datasheet HTML 6Page - Sipex Corporation SPX2969S/TR Datasheet HTML 7Page - Sipex Corporation SPX2969S/TR Datasheet HTML 8Page - Sipex Corporation SPX2969S/TR Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Date: 8/4/04
SPX2969 150mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Part number
Output Voltage
Package Type
SPX2969S ............................................................... 5.0V ........................ 8 Pin NSOIC
SPX2969S/TR .......................................................... 5.0V ........................ 8 Pin NSOIC
SPX2969S1/TR ........................................................ 5.0V ...................... 14 Pin NSOIC
SPX2969S1/TR ........................................................ 5.0V ...................... 14 Pin NSOIC
SPX2969W1 ............................................................ 5.0V ..................... 20 Pin WSOIC
SPX2969W1/TR ...................................................... 5.0V ..................... 20 Pin WSOIC
/TR = Tape and Reel
Pack quantity is 1,500 for WSOIC and 2,500 for
NSOIC.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX2969S/TR = standard; SPX2969S-L/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com