Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7083 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7083
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7083 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7083_09 Datasheet HTML 1Page - LSI Computer Systems LS7083_09 Datasheet HTML 2Page - LSI Computer Systems LS7083_09 Datasheet HTML 3Page - LSI Computer Systems LS7083_09 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNITS
DC Supply Voltage
VDD - VSS
11.0
V
Voltage at any input
VIN
VSS - 0.3 to VDD + 0.3
V
Operating temperature
TA
0 to +70
°C
Storage temperature
TSTG
-55 to +150
°C
DC ELECTRICAL CHARACTERISTICS:
(All voltages referenced to VSS, TA = 0oC to 70oC.)
PARAMETER
SYMBOL
MIN
MAX
UNITS
CONDITION
Supply voltage
VDD
4.5
10.0
V
-
Supply current
IDD
-
6.0
µA
VDD = 10V, All
input frequencies = 0Hz
RBIAS = 2MΩ
x4/x1 Logic Low
VIL
-
0.3VDD
V
-
A, B Logic Low
VIL
-
0.6
V
VDD = 4.5V
-
1.0
V
VDD = 9V
-
1.1
V
VDD = 10V
x4/x1Logic High
VIH
0.7VDD
-
V
-
A, B Logic High
VIH
3.1
-
V
VDD = 4.5V
5.0
-
V
VDD = 9V
5.6
-
V
VDD = 10V
ALL OUTPUTS:
Sink Current
IOL
1.75
-
mA
VDD = 4.5V
VOL = 0.4V
5.0
-
mA
VDD = 9V
5.7
-
mA
VDD = 10V
Source Current
IOH
1.0
-
mA
VDD = 4.5V
VOH = VDD - 0.5V
2.5
-
mA
VDD = 9V
3.0
-
mA
VDD = 10V
TRANSIENT CHARACTERISTICS:
(TA = 0°C to 70°C)
PARAMETER
SYMBOL
MIN
MAX
UNITS
CONDITION
A, B inputs:
Validation Delay
TVD
-
85
ns
VDD = 10V
-
100
ns
VDD = 9V
-
160
ns
VDD = 4.5V
A, B inputs:
Pulse Width
TPW
TVD + TOW
Infinite
ns
-
A to B or B to A
Phase Delay
TPS
TOW
Infinite
ns
-
1
A, B frequency
fA, B
-
2TPW
Hz
-
Input to Output Delay
TDS
-
120
ns
VDD = 10V
-
150
ns
VDD = 9V
-
235
ns
VDD = 4.5V
Includes input
validation delay
Output Clock Pulse Width
TOW
50
-
ns
See Fig. 4 & 5
7083/84-121508-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com