Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7223 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7223
Description  KEYPAD PROGRAMMABLE DIGITAL LOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7223 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7223_03 Datasheet HTML 1Page - LSI Computer Systems LS7223_03 Datasheet HTML 2Page - LSI Computer Systems LS7223_03 Datasheet HTML 3Page - LSI Computer Systems LS7223_03 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PROGRAM MODE
The current Primary/Secondary/Duress codes may be altered to
any value by initializing the Program Mode. The steps involved for
altering the codes are:
1. Enter the current Secondary code causing the Lock 2 output
to toggle.
2. Before the keypad entry enable time expires, enter the key
corresponding to matrix position X4Y1 two times. This will
cause the Program Mode output to latch high, indicating that
the circuit is now in the Program mode. The keypad entry
enable timer is disabled during the Program mode.
3. Enter a 6-digit number from the keypad. The Program Mode
output will latch low, indicating that the new codes have
successfully been programmed. Of the 6 digits, the first 4
constitute the Primary code; the first 3 and the 5th constitute
the Secondary code and the first 3 and the 6th constitute the
Duress code. If an error is introduced or it is desired to
change the codes before the 6th digit is typed, enter the key
X4Y3. This will reset the internal memory pointer of the
LS7223 and a new 6-digit number can be entered.
KEYPAD INTERFACE
The four X inputs and four Y outputs are designed for keypad
interface (see Fig. 2). Since the X inputs have internal pull-ups,
the maximum matrix size of 4 by 4 does not have to be utilized.
During normal operation, the LS7223 will scan the matrix look-
ing for a switch closure. Once a closure has been detected,
the internal key debounce logic determines if a "valid" key has
been pressed or that if noise is just present. Only one valid
input will be generated with any key closure. The use of
internal key debouncing and Schmitt triggers on the inputs
provides the LS7223 with very high noise immunity.
TAMPER
When a valid key has been detected by the LS7223, the entry
is compared against the appropriate reference in the internal
memory. If the requirements of digit value and code sequential
position are not fulfilled, the Tamper output will momentarily go
high; this indicates that an illegal code entry was attempted.
The keypad entry enable timer and memory pointer will both be
reset so that entry of the code can be attempted again.
TABLE 1. PIN DESCRIPTIONS
PIN
FUNCTION
DESCRIPTION
1
Vss
Supply voltage negative.
2
RC-OSC
Determines the LS7223's internal clock frequency, which is used for keypad scanning and
debounce. A resistor (to VDD) and a capacitor (to Vss) connected to this input sets the
frequency. With a 1.5M
Ω resistor and a 100pF capacitor, the internal frequency is typically
10kHz and the internal anti-bounce is typically 25ms.
3, 4, 5, 6
X1, X2, X3, X4
The four X inputs and four Y outputs are designed to interface to a keypad matrix
7, 8, 9, 10
Y1, Y2, Y3, Y4
whose maximum allowable size is 4 by 4.
11
PROGRAM MODE
This output goes high when the program mode is initiated. It resets to a low state after the 6-
digit Primary/Secondary/Duress combination code has been programmed.
12
CAP-M
A capacitor connected between this input and Vss controls the duration of the Momentary
and Tamper outputs.
13
TAMPER
Whenever a key is entered that is not a valid code element, this output goes high for a
period determined by the capacitor on the CAP-M input.
14
MOMEMTARY
This output generates an active high output every time the Primary code is entered. The
duration of this output is determined by the capacitor on the CAP-M input.
15
ALARM
When the Duress code is entered, this output latches high to enable an external alarm. The
Alarm output resets to a low state when the Primary code is entered again. This output pow-
ers-up to a low state.
16
LOCK 2
Whenever the Secondary code is entered, this output toggles. The output powers-up into a
low state.
17
LOCK1
When ever the Primary code or the Duress code is entered, this output toggles. The output
powers-up into a low state.
18
LOCK DISPLAY
Functionally, this output is identical to the Lock 1 output, with the exception that its polarity is
reversed with respect to the Lock 1 output. This output is intended for driving a display lamp
to indicate the lock status.
19
CAP-K
A capacitor connected between this input and Vss sets the time limit for entering a 4 digit
code from the keypad. (6 digits when initiating the Program Mode.)
20
VDD
Supply voltage positive.
7223-012703-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com