Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7232NT Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS7232NT
Description  PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7232NT Datasheet(HTML) 7 Page - LSI Computer Systems

  LS7232NT_05 Datasheet HTML 1Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 2Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 3Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 4Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 5Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 6Page - LSI Computer Systems LS7232NT_05 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
P
115VAC
OR
220VAC
N
LOAD
C1
T
L
C4
R1
R2
R
R6
C5
D1
1
2
3
4
8
7
6
5
C3
C7
LS7232NT
G
Z
R5
NOTES 1) For a No-Touch system, the infra-red transmit diode D3 and and receive D2 should be placed in physical proximity
so that when a hand is placed in front of D2 and D3, reflected light from the hand is received by the IR receiver D3 to produce a touch impulse.
2) If a touchplate is used the following parts should be in: R8, R9, C8 and P1.
If infrared detector is used the following parts should be in: D2, D3, R4, R5, R6, C7 and N1.
3) If remote sensing is not used the following parts may be removed: R3, R10, R11, R12, R13, C6 and P2.
If remote sensing is used these parts should be in and the connection between Pin 7 and Pin 8 must be broken.
4) The load is either an incandescent lamp or the primary of a step-down transformer for a low voltage halogen lamp.
R9
R8
TOUCH
PLATE
MT2
MT1
C2
9
10
11
12
13
14
R4
R3
R11
R10
TOUCH
PLATE
C
C8
C6
R13
R14
P1
D4
P2
N1
R7
D3
P
FIGURE 8. A TYPICAL DIMMER CIRCUIT WITH NO-TOUCH OPTICAL SENSING AND TOUCH PLATE OPTIONS
R12
SEE
NOTE 3
D2
C = 0.1µF to 10µF, 10V
R = 200
Ω to 2MΩ, 1/4W
C1 = 0.15µF, 200V
R7 = 51
Ω, 1/4W
C2 = 0.22µF, 200V
R8, R9 = 2.7M
Ω, 1/4W
C3 = 0.02µF, 10V
R10, R11 = 2.7M
Ω, 1/4W
C4 = 0.002µF, 10V
R12 = 200k
Ω, 1/4W
C5 = 200µF, 10V
R13 = 2k
Ω, 1/4W
C6 = 0.1µF, 10V
R14 = 1 to 5M
Ω, 1/4W
C7 = 0.003µF, 10V
D1 = IN4148
C8 = 0.1µF, 10V
D2 = SFH205, IR Receiver diode
R1 = 270
Ω, 1/2W
D3 = LD271, IR Transmitter diode
R2 = 680k
Ω, 1/4W
D4 = IN4148
R3 = 1.5M
Ω, 1/4W
Z1 = 5.6V, 1W (Zener)
R4 = 500k
Ω, 1/8W Pot.
T1 = Q2004L4 Triac (Typical)
R5 = 51
Ω, 1/4W
L = 100µF, RFI Filter
R6 = 1k
Ω, 1/4W
N1 = MPS8099, NPN
P1, P2 = MPS8599
(1) All components are the same as 115V except as listed below:
C1 = 0.15µF, 400V
C2 = 0.22µF, 400V
R1 = 1k
Ω, 1W
R2 = 1.5M
Ω, 1/4W
R8, R9 = 4.7M
Ω, 1/4W
T1 = Q4004L4 Triac (Typical)
L = 200µF, RFI Filter
115V
220V (1)
7232NT-042005-7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com