Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7260 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7260
Description  BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7260 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7260_15 Datasheet HTML 1Page - LSI Computer Systems LS7260_15 Datasheet HTML 2Page - LSI Computer Systems LS7260_15 Datasheet HTML 3Page - LSI Computer Systems LS7260_15 Datasheet HTML 4Page - LSI Computer Systems LS7260_15 Datasheet HTML 5Page - LSI Computer Systems LS7260_15 Datasheet HTML 6Page - LSI Computer Systems LS7260_15 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
7260-110515-1
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
LS7260
LS7262
FEATURES:
Direct drive of P-Channel and N-Channel FETs (LS7260)
Direct drive of PNP and NPN transistors (LS7262)
Six outputs drive power switching bridge directly
Open or closed loop motor speed control
+5V to +28V operation (VSS – VDD)
Externally selectable input to output code for 60°,
120°, 240°, or 300° electrical sensor spacing
Three or four phase operation
Analog speed control
Direction control
Output enable control
Positive static braking
Over-current sensing
LS7260, LS7262 (DIP); LS7260-S, LS7262-S (SOIC);
LS7260-TS, LS7262-TS (TSSOP) – See Connection Diagram.
PIN ASSIGNMENT – TOP VIEW
DESCRIPTION:
The LS7260 / LS7262 are MOS integrated circuits designed to
generate the signals necessary to control a three phase or four
phase brushless DC motor. They are the basic building blocks of a
brushless DC motor controller. The circuits respond to changes at
the SENSE inputs, originating at the motor position sensors, to
provide electronic commutation of the motor windings. Pulse width
modulation of outputs for motor speed control is accomplished
through either the ENABLE input or through the analog input
(VTRIP) in conjunction with the OSCILLATOR input. Over-current
circuitry is provided to protect the windings, associated drivers, and
power supply. The over-current circuitry causes the external output
drivers to switch off immediately upon sensing the over-current
condition and on again only when the over-current condition
disappears and the positive edge of either the ENABLE input or the
saw-tooth OSCILLATOR occurs. This limits the over-current sense
cycling to the chopping rate of the ENABLE input or the saw-tooth
OSCILLATOR.
A positive braking feature is provided to effect rapid deceleration.
While the LS7262 is designed for driving PNP and NPN transistors
(See Fig. 2.), the LS7260 is designed to drive both PMOS and
NMOS Power FETs and develops a full 12V drive for both the N-
Channel and P-Channel devices (See Fig. 1) when using a 12V
power supply.
Nov 2015
INPUT / OUTPUT DESCRIPTION:
COMMUTATION SELECTS (Pins 1, 20)
These inputs are used to select the proper sequence of outputs
based on the electrical separation of the motor position sensors.
See Table 3. Note that in all cases the external output drivers are
disabled for invalid SENSE input codes. Internal pull down resistors
are provided at Pins 1 and 20 causing a logic zero when these pins
are left open.
FORWARD / REVERSE (Pins 19)
These inputs are used to select the proper sequence of outputs for
the desired direction of rotation for the Motor (See Table 3). An
internal pull-up resistor holds the input high when left open.
SENSE INPUTS (Pins 15, 16, 17)
These inputs provide control of the output commutation sequence
as shown in Table 3. S1, S2, S3 originate in the position sensors of
the motor and must sequence in cycle code order. Hall-switch pull-
up resistors are provided at Pins 15, 16 and 17. The positive supply
of the Hall devices should be common to the chip VSS.
BRAKE (Pin 9)
For the LS7262 and LS7362, a high level at this input
unconditionally turns off outputs 1, 2 and 3 and turns on outputs 4, 5
and 6 (See Figures 2 and 4.) For the LS7260, a high level at this
input turns on outputs 1, 2 and 3 and outputs 4, 5 and 6 (See Fig.
1). In both cases, transistors Q101, Q102 and Q103 cut off and
transistors Q104, Q105 and Q106 turn on, shorting the windings
together. The BRAKE has priority over all other inputs.


Similar Part No. - LS7260_15

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7260 LSI-LS7260 Datasheet
79Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
More results

Similar Description - LS7260_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7260 LSI-LS7260 Datasheet
79Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
LS7362 LSI-LS7362 Datasheet
92Kb / 6P
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
BRUSHLESS DC MOTOR CONTROLLER
logo
National Semiconductor ...
LM621 NSC-LM621 Datasheet
224Kb / 12P
LM621 Brushless Motor Commutator
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
Brushless DC Motor Controller
January, 2007 ??Rev. 9
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
logo
LSI Computer Systems
LS7362 LSI-LS7362_15 Datasheet
198Kb / 6P
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com