Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7267-S Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7267-S
Description  24-BIT DUAL-AXIS QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7267-S Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7267-S Datasheet HTML 1Page - LSI Computer Systems LS7267-S Datasheet HTML 2Page - LSI Computer Systems LS7267-S Datasheet HTML 3Page - LSI Computer Systems LS7267-S Datasheet HTML 4Page - LSI Computer Systems LS7267-S Datasheet HTML 5Page - LSI Computer Systems LS7267-S Datasheet HTML 6Page - LSI Computer Systems LS7267-S Datasheet HTML 7Page - LSI Computer Systems LS7267-S Datasheet HTML 8Page - LSI Computer Systems LS7267-S Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
7 6 5 4 3 2 1 0
BT: Borrow Toggle flip-flop.
Toggles every time CNTR underflows.
CT: Carry toggle flip-flop.
Toggles every time CNTR overflows.
CPT: Compare toggle flip-flop.
Toggles every time PR equals CNTR.
S: Sign flag. Set to 1 when CNTR underflows.
Reset to 0 when CNTR overflows.
FLAG
E: Error latch. Set to 1 when parameter t4 or t5 is violated (see p.8 for t4 and t5)
Irrelevant in non-quadrature mode.
U/D: Up/Down flag. Set to 1 when counting up
and reset to 0 when counting down.
Not used. Always reset to 0.
IDX: Index. Set to 1 when designated index input transitions to active level.
0
Filter Clock Prescalers: XPSC and YPSC
Each PSC is an 8-bit programmable modulo-n down counter, driven by the FCK input. The division factor n is stored
into each PSC from its associated PR register low byte, PR0. The PSCs provide the ability to generate independent
filter
clock frequencies for each channel used for filtering the quadrature clocks applied at the A and B inputs in
quadrature mode.The same filter clocks are also used for filtering the designated INDEX inputs.
T
he effective internal filter
clock frequency is: fFCKn = ( fFCK/(n+1) ) , where n = PSC = 0 to h'FF and fFCK is the clock
frequency at the FCK input. For proper operation the required condition is:
fFCKn > 8fQA (or 8fQB), where fQA (or fQB)
is the frequency at A (or B) input. The FCK pin is not used in non-quadrature mode and
should be tied off to VDD.
7267-091615-2
Flag Register: XFLAG and YFLAG
The FLAG registers hold the status information of the CNTRs and can be read on the data bus. All bits excepting
the E and the IDX bits change dynamically to represent the instantaneous status of the CNTR's. In contrast the E
and the IDX bits are latched. Once set they can only be reset via the RLD registers.
7 6 5 4 3 2 1 0
0: NOP
0
1
0
RLD
1: Reset BP
0
0
1
0
1
1
0
0
: Select the RLD addressed by X/Y input
1
: Select both XRLD and YRLD together
(Note: D7 = 1 overrides X/Y input)
: Select RLD
: NOP
: Reset CNTR
: Reset BT, CT, CPT,S, IDX
: Reset E
0
0
1
0
0
1
1
1
: NOP
: Transfer PR to CNTR
(Note: All 24-bits are transferred in parallel)
: Transfer CNTR to OL
(Note: All 24-bits are transferred in parallel)
: Transfer PR0 to PSC
Reset and Load Signal Decoders: XRLD and YRLD
Following functions can be performed by writing a control byte into an RLD: Transfer PR to CNTR, Transfer
CNTR to OL, reset CNTR, reset FLAG and reset BP
.
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com