Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7310 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7310
Description  AC POWER CONTROLLERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7310 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7310_03 Datasheet HTML 1Page - LSI Computer Systems LS7310_03 Datasheet HTML 2Page - LSI Computer Systems LS7310_03 Datasheet HTML 3Page - LSI Computer Systems LS7310_03 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7310-012703-2
TABLE 1. TRIG PHASE ANGLES (1)
PL INPUT
TRIG Ø
LOAD POWER % (2)
1
78°
37
2
86°
46
3
93°
53
4
100°
60
5
107°
69
6
112°
74
7
119°
79
8
127°
86
9
137°
92
10
149°
97
Ø
TW
FIGURE 3.
TRIG PHASE ANGLE Ø
SYNC
TRIG
(1)
The TRIG Phase Angles shown in TABLE 1 are referenced to the
SYNC input. In the Application Schematic shown in Figure 4A,
SYNC is delayed by 7° from the AC line. Therefore, actual Phase
Angles with respect to the AC line are 7° less than TABLE 1 values.
TABLE 1 values are mask programmable.
(2)
The percentage of Full Power delivered to a resistive load by the
Triac Switch.
FIGURE 4 VALUE TABLE
CONDITION
C2(µF)
C5(µF)
(1), (3), (5)
0.22
100
(1), (3), (6)
0.10
100
(1), (4), (5)
0.47
220
(1), (4), (6)
0.33
220
(2), (3), (5)
0.47
220
(2), (3), (6)
0.33
220
(2), (4), (5)
0.68
220
(2), (4), (6)
0.47
220
(1) 33µs TRIG pulse (LS7310, LS7312)
(2) 1ms TRIG pulse (LS7311, LS7313)
(3) No LEDs
(4) 5mA LEDs
(5) 115VAC, C2 = 200V
(6) 220VAC, C2 = 400V
FIGURE 4 NOTES
NOTE 1: Value for 5mA LEDs
NOTE 2: Use zener which produces 6.2V ±5% at 500µA or
less, i.e. P/N MZ4627
NOTE 3: R6-C6 Snubber Network may be required for large
inductive loads.
NOTE 4: Tie all unused touch inputs together and return to Vss
through 100k Ohm, 1/4W resistor.
DRIVER
DRIVER
+
-
13
12
11
18
9
CONTROL
LOGIC
DRIVER
DIGITAL
COMPARATOR
POWER
LEVEL
ROM
PHASE
ANGLE
POINTER
PHASE-LOCKED
LOOP
AND
CLOCK
GENERATOR
LEVEL 1
LEVEL 10
15
14
+
-
+
-
+
-
+
-
+
-
V SS
V DD
V SS
V DD
TRIG
CAP
RUN
PULSE
OFF
PL1
PL10
17
FIGURE 2. LS7310-LS7313 BLOCK DIAGRAM
SYNC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com