Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2344 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2344
Description  PWM DC/DC Converter IC with Standby Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2344 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2344 Datasheet HTML 1Page - New Japan Radio NJM2344 Datasheet HTML 2Page - New Japan Radio NJM2344 Datasheet HTML 3Page - New Japan Radio NJM2344 Datasheet HTML 4Page - New Japan Radio NJM2344 Datasheet HTML 5Page - New Japan Radio NJM2344 Datasheet HTML 6Page - New Japan Radio NJM2344 Datasheet HTML 7Page - New Japan Radio NJM2344 Datasheet HTML 8Page - New Japan Radio NJM2344 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2344
- 7 -
Ver.2009-12-02
■TYPICAL CHARACTERISTICS
1
10
100
10
100
1000
10000
100000
Oscillator Frequency vs. Timing Capacitor
(V+=5V, S
I
=V+, Pin 5=GND, Ta=25oC)
Timing Capacitor C
T (pF)
1
10
100
10
100
1000
10000
Switch ON/OFF TIme vs.Timing Capacitor
(V+=5V, S
I
=V+, Pin 5=GND, Ta=25oC)
Timing Capacitor C
T
(pF)
t
ON
t
OFF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
Saturation Voltage vs. Collector Current
(V+=5V, C
S
=C
D
, Ta=25oC)
Collector CurrentI
C
(A)
0
100
200
300
400
500
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
Input Bias Current vs. IN- Terminal Voltage
(V+=5V, Ta=25oC)
IN- Terminal Voltage (V)
0
1
2
3
4
010
20
30
40
Operating Current vs. Operating Voltage
(C
T
=1nF, S
I
=V
+, IN->V
th
, Es=GND, Ta=25
oC)
Operating Voltage V
+ (V)
0
1
2
3
4
5
6
0.50.550.6
0.65
0.70.750.8
Output Voltage vs. ON Threshold Voltage
(V
+=10V, Vo=5V, Io=150mA, Ta=25oC)
ON Threshold Voltage Von (V)
Rc=0
Rc=100k
Rc=50k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com