Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2345 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2345
Description  PWM DC/DC Converter IC with Standby Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2345 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2345 Datasheet HTML 1Page - New Japan Radio NJM2345 Datasheet HTML 2Page - New Japan Radio NJM2345 Datasheet HTML 3Page - New Japan Radio NJM2345 Datasheet HTML 4Page - New Japan Radio NJM2345 Datasheet HTML 5Page - New Japan Radio NJM2345 Datasheet HTML 6Page - New Japan Radio NJM2345 Datasheet HTML 7Page - New Japan Radio NJM2345 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2345
- 7 -
Ver.2009-10-19
■TYPICAL CHARACTERISTICS
0
150
300
450
600
01
2
3
4
567
8
ON/OFF Terminal Voltage V
on/off
(V)
ON/OFF Input Bias Current vs. ON/OFF Terminal Voltage
(V+=10V, Vo=5V, Io=150mA, Ta=25oC)
Rc=0
Ω
Rc=100k
Ω
Rc=50k
Ω
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
-50 -25
0
25
50
75 100 125 150
Ambient TemperatureTa (
oC)
Threshold Voltage vs. Temperature
(V
+=5V)
0.6
0.7
0.8
0.9
1
1.1
1.2
-50 -25
0
25
50
75 100 125 150
Ambient TemperatureTa (
oC)
Saturation Voltage vs. Temperature
(V+=5V, C
S
=C
D
, I
SW
=0.7A)
240
260
280
300
320
340
360
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Current Limit Sense Voltage vs. Temperature
(V
+=5V)
0
1
2
3
4
5
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Operating Current vs. Temperature
(V+=5V, C
T
=1nF, S
I
=V+, IN->V
th
, Es=GND)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com