Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7314 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7314
Description  AC POWER CONTROLLERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7314 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7314_03 Datasheet HTML 1Page - LSI Computer Systems LS7314_03 Datasheet HTML 2Page - LSI Computer Systems LS7314_03 Datasheet HTML 3Page - LSI Computer Systems LS7314_03 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M
P
N
L
MT2
G
MT1
C1
R1
R2
R9
C2
Z1
C5
D1
-
+
C4
C3
13
11
SYNC
CAP
12
9
10
15
8
14
Z2
R4
R5
V SS
OFF
PL1
PL10
LS7314 - LS7315
FIGURE 4C.
MOTOR SPEED CONTROL APPLICATION
V DD
R6
C6
TRIG
OFF
PL1
PL10
AC
MAINS
SEE NOTE 3
T
SEE NOTE 5
Use Fig. 4A or 4B
Interface Circuits
C1 = 0.15µF, 200V (400V)
R1 = 82
Ω
C2 = See Figure 4 Value Table
R2 = 1.5M
Ω
C3 = 0.047µF
R4 = 560
Ω (See Note 1)
C4 = 470pF
R5 = 10k
Ω
C5 = 220uF
R6 = 1.8k
Ω, 1W (2W)
C6 = 0.47µF, 200V (400V)
R9 = 100
Ω
L = 100µH (200µH)
Z1 = 13V ± 5%, 1W
D1 = 1N4148
Z2 = 6.2V, 1/4W (See Note 2)
T = Q4004L4 (Q5004L4)
Typical
All resistors 1/4W, all capacitors 25V unless otherwise specified.
Indicates component change for 220VAC Mains.
*
*
*
*
*
7314-012703-3
*
P
N
100µH
MT2
G
MT1
200V
13V
220µF
1N4148
-
+
470pF
13
11
SYNC
CAP
12
9
10
15
8
14
6.2V, 1/4W (See Note 2)
1K
10K
V SS
OFF
PL1
PL10
LS7314 - LS7315
FIGURE 4D. MULTI-LEVEL WALL SWITCH DIMMER APPLICATION
V DD
TRIG
OFF
PL1
PL10
115V
AC
MAINS
Q40044L4
0.15µF
INCANDESCENT
LAMP LOAD
2W
200V
0.68µF
.047µF
.047µF
82
Use Fig. 4A or Fig. 4B
Interface Circuits
1.5M
All Resistors 1/4W, all Capacitors 25V
unless otherwise specified.
Component Values are for use with
115VAC Mains and 2.5mA LEDs.
1W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com