Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2670 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2670
Description  DUAL H BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2670 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2670 Datasheet HTML 1Page - New Japan Radio NJM2670 Datasheet HTML 2Page - New Japan Radio NJM2670 Datasheet HTML 3Page - New Japan Radio NJM2670 Datasheet HTML 4Page - New Japan Radio NJM2670 Datasheet HTML 5Page - New Japan Radio NJM2670 Datasheet HTML 6Page - New Japan Radio NJM2670 Datasheet HTML 7Page - New Japan Radio NJM2670 Datasheet HTML 8Page - New Japan Radio NJM2670 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2670
- 7 -
TYPICAL APPLICATION 1
0
0.5
1
1.5
2
2.5
3
00.5
11.5
2
OUTA1
OUTA2
OUTB1
OUTB2
Io [A]
NJM 2670
Vsat(D) vs. Io
(Lot-N o.U 2009T,D IP16)
VC C=5V
VS=48V
Ta=25degC
0.6
0.8
1
1.2
1.4
1.6
1.8
2
00.511.5
2
OU TA1
OU TA2
OU TB1
OU TB2
NJM 2670
Vsat(U) vs. Io
(Lot-N o.U 2009T,D IP16)
Io [A ]
VC C=5V
VS=48V
Ta=25degC
0
50
100
150
200
012
34
5
6
7
VC C [V]
IC C vs. V CC
Ta=25degC
Io=500mA
VS=48V
EN1=EN2=H
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
150
Temperature [degC ]
VIN(INA1)-h ysteresis vs. Tem perature
VS=48V
RL=N oting
EN1=EN2=H
INA2=L
INB1=INB2=L
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
0
50
100
150
Temperature [degC]
VIN (INA1) vs. Tem perature
VS=48V
RL=Nothing
EN 1=EN2=H
INA2=L
INB1=INB2=L
INA1=L to H
IN A1=H to L
-0.2
0
0.2
0.4
0.6
0.8
-50
0
50
100
150
Temperature [degC]
VIN(IN A1)-IB vs. Tem p erature
VS=48V
RL=Nothing
EN 1=EN2=H
INA2=L
INB1=INB2=L
INA1=0.4V
INA1=2.4V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com