Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2675 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2675
Description  H BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2675 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2675 Datasheet HTML 1Page - New Japan Radio NJM2675 Datasheet HTML 2Page - New Japan Radio NJM2675 Datasheet HTML 3Page - New Japan Radio NJM2675 Datasheet HTML 4Page - New Japan Radio NJM2675 Datasheet HTML 5Page - New Japan Radio NJM2675 Datasheet HTML 6Page - New Japan Radio NJM2675 Datasheet HTML 7Page - New Japan Radio NJM2675 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2675
- 7 -
TYPICAL CHARACTERISTICS 2
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
0
50
100
150
VIN [V]
Temperature [degC]
VIN vs. Temperature
VIN-L
VIN-H
VMM=24V
VCC=5V
EN=H
0
0.1
0.2
0.3
0.4
0.5
-50
0
50
100
150
TSD_Vsat [V]
Temperature [degC]
TSD_Vsat vs. Temperature
VMM=24V
VCC=5V
IN1=L
IN2=H
EN=H
Io=5mA
0
0.5
1
1.5
2
-50
0
50
100
150
Vo_Vsat(D) [V]
Temperature [degC]
Vo_Vsat(D) vs. Temperature
VMM=24V
VCC=5V
IN1=L
IN2=L
EN=H
Io=1A
Io=1.3A
1
1.2
1.4
1.6
1.8
2
-50
0
50
100
150
Vo_Vsat(U) [V]
Temperature [degC]
Vo_Vsat(U) vs. Temperature
VMM=24V
VCC=5V
IN1=H
IN2=H
EN=H
Io=1A
Io=1.3A
Diode(D) [V]
1
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
150
Temperature [degC]
Diode(D) vs. Temperature
Io=1A
Io=1.3A
1
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
150
Diode(U) [V]
Temperature [degC]
Diode(U) vs. Temperature
Io=1A
Io=1.3A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com