Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6496 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6496
Description  Quad PIN-Electronics Drivers / Comparators / Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6496 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6496 Datasheet HTML 3Page - New Japan Radio NJU6496 Datasheet HTML 4Page - New Japan Radio NJU6496 Datasheet HTML 5Page - New Japan Radio NJU6496 Datasheet HTML 6Page - New Japan Radio NJU6496 Datasheet HTML 7Page - New Japan Radio NJU6496 Datasheet HTML 8Page - New Japan Radio NJU6496 Datasheet HTML 9Page - New Japan Radio NJU6496 Datasheet HTML 10Page - New Japan Radio NJU6496 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJU6496
- 7 -
ver.01
VDD=10V, VSS= -3V, VBB=1.5V, DATA=0V, VIH=3V, VIL=0V, ENA=ENB=0V, RL=1kΩ, CL=33pF, CVA=1.5V, VOH=3V,
VOL=0V, Ta=25˚C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Power Supplies
Positive Power Supply
DC Current
IDD
No Signal
-
45
65
mA
Negative Power Supply
DC Current
ISS
No Signal
-65
-45
-
mA
VDD=10V, VSS= -3V, Ta=25˚C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Data Interface
Setup Time
Tst
-
200
-
ns
High Level
Data Pulse Width
Fig.5
Tpwh
-
33
-
ns
Low Level
Data Pulse Width
Fig.5
Tpwl
-
33
-
ns
DATAEN
Low Hold Timing
Fig.5
Tcel
5
-
20
ns
DATAEN
High Hold Timing
Fig.5
Tceh
5
-
20
ns
CLK Max. Input Frequency
Fclk
15
-
-
MHz
DO Output Propagation Delay
Fig.5
Tco
-
-
30
ns
Max. Logic Setting Time
Fig.5
Tel
-
20
-
ns
DLOAD Data Pulse Width
Fig.5
Tlw
30
-
-
ns
High Level Input Voltage
Vdh
2.4
-
10
V
Low Level Input Voltage
Vdl
-3
-
0.6
V
DO Rise / Fall Time
Trdo, Tfdo
CL=10pF
-
6
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com