Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7291 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7291
Description  SYSTEM RESET IC WITH WATCHDOG TIMER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7291 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7291 Datasheet HTML 2Page - New Japan Radio NJU7291 Datasheet HTML 3Page - New Japan Radio NJU7291 Datasheet HTML 4Page - New Japan Radio NJU7291 Datasheet HTML 5Page - New Japan Radio NJU7291 Datasheet HTML 6Page - New Japan Radio NJU7291 Datasheet HTML 7Page - New Japan Radio NJU7291 Datasheet HTML 8Page - New Japan Radio NJU7291 Datasheet HTML 9Page - New Japan Radio NJU7291 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJU7291
- 7 -
Ver.2013-08-28
●
CWfor Clock Monitor Time Setting
The CW set the following: “WDT Monitor Time”: TWD.
The TWD is calculated the following.
()
TCWL
TCWH
CW
W
WD
V
V
I
C
T
−
⋅
=
・・
<7>
From formula<7>, CW is calculated as
follows:
WD
TCWL
TCWH
CW
W
T
V
V
I
C
⋅
−
=
・
・
・
・
<8>
The CW value can calculate by the following
formula.The CW Pin Charge Current: ICW is
4
µA (typ.). The CW Pin Threshold Voltage at
WDT Reset: VTCWH is 1V (typ.). The CW Pin
Threshold Voltage at Changing Charge:
VTCWH is 0.2V (typ.).
6
10
5
−
×
×
=
WD
W
T
C
[F] ・・・・・ <9>
The unit of TWDis [s] (second).
The relation between CW and TWD becomes
Fig 3.
―
PRECAUTION ―
The CW discharge time becomes long as with
the increasing of CW as shown in Fig 4. For this
reason, if the CW discharge is not completed
within the TWR, a malfunction occurs in next
watchdog timer operation.
To prevent this malfunction, you should set
the CR value greater than one-fifth of CW value.
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
CW [µF]
Fig 3. WDT Monitor Time(TWD)
vs.
CWfor Clock Monitor Time Setting
RESET
Waveform
CW Pin
Waveform
GND
T
WR
T
WR
(a) at CWfully discharge
(b) at CW faulty discharge
Fig 4. WDT Reset Time (TWR) and CW Pin Voltage Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com