Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7296 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7296
Description  SYSTEM RESET IC WITH DELAY CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7296 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7296 Datasheet HTML 2Page - New Japan Radio NJU7296 Datasheet HTML 3Page - New Japan Radio NJU7296 Datasheet HTML 4Page - New Japan Radio NJU7296 Datasheet HTML 5Page - New Japan Radio NJU7296 Datasheet HTML 6Page - New Japan Radio NJU7296 Datasheet HTML 7Page - New Japan Radio NJU7296 Datasheet HTML 8Page - New Japan Radio NJU7296 Datasheet HTML 9Page - New Japan Radio NJU7296 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJU7296
- 7 -
Ver.2016-01-07
■ TYPICAL CHARACTERISTICS
0.9
0.95
1
1.05
1.1
-50
-25
0
25
50
75
100
125
Temperature [ºC]
NJU7296
Detection Voltage vs Temperature
@VDD=3.3V
0
0.5
1
1.5
2
2.5
3
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage :VDD [V]
NJU7296
Quiescent Current vs Supply Voltage
@Ta=25 C
No Signal
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
Temperature [ºC]
NJU7296
Queiscent Current vs Temperature
@VDD=3.3V
No Signal
10
12
14
16
18
20
22
24
26
28
30
-50
-25
0
25
50
75
100
125
Temperature [ºC]
NJU7296
VIN Pin Resistance vs Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
Temperature [ºC]
NJU7296
EXT Pin Resistance vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com