Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1485EEP Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP1485EEP
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1485EEP Datasheet(HTML) 5 Page - Sipex Corporation

  SP1485EEP Datasheet HTML 1Page - Sipex Corporation SP1485EEP Datasheet HTML 2Page - Sipex Corporation SP1485EEP Datasheet HTML 3Page - Sipex Corporation SP1485EEP Datasheet HTML 4Page - Sipex Corporation SP1485EEP Datasheet HTML 5Page - Sipex Corporation SP1485EEP Datasheet HTML 6Page - Sipex Corporation SP1485EEP Datasheet HTML 7Page - Sipex Corporation SP1485EEP Datasheet HTML 8Page - Sipex Corporation SP1485EEP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
INPUTS
OUTPUTS
LINE
RE
DE
DI CONDITION
B
A
X1
1
No Fault
0
1
X1
0
No Fault
1
0
X0
X
X
ZZ
X1
X
Fault
Z
Z
INPUTS
OUTPUTS
RE
DE
A - B
R
00
+0.2V
1
00
-0.2V
0
00
Inputs Open
1
10
X
Z
Table 1. Transmit Function Truth Table
Table 2. Receive Function Truth Table
+3V
0V
DE
5V
VOL
A, B
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 1.0ns; tF < 1.0ns
VOH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
+3V
0V
RE
5V
R
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 1.0ns; tF < 1.0ns
R
1.5V
1.5V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
Figure 8. Receiver Enable and Disable Times
Figure 7. Receiver Propagation Delays
Figure 6. Driver Enable and Disable Times
VOH
VOL
R
1.5V
1.5V
tPHL
f = 1MHz; tR < 1.0ns; tF < 1.0ns
OUTPUT
V0D2+
V0D2–
A – B
0V
0V
tPLH
INPUT
tSKEW = | tPHL - tPLH |



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com