Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7640 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7640
Description  Step-Down switching regulator IC with Over Current Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7640 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7640 Datasheet HTML 2Page - New Japan Radio NJU7640 Datasheet HTML 3Page - New Japan Radio NJU7640 Datasheet HTML 4Page - New Japan Radio NJU7640 Datasheet HTML 5Page - New Japan Radio NJU7640 Datasheet HTML 6Page - New Japan Radio NJU7640 Datasheet HTML 7Page - New Japan Radio NJU7640 Datasheet HTML 8Page - New Japan Radio NJU7640 Datasheet HTML 9Page - New Japan Radio NJU7640 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJU7640
- 7 -
Ver.2012-08-03
■ TYPICAL CHARACTERISTICS
0.996
0.998
1
1.002
1.004
02
468
10
Operating Voltage V
+ (V)
Reference Voltage vs. Operating Voltage
(V+=3.3V, Ta=25
oC)
0.17
0.18
0.19
0.2
0.21
0.22
0.23
02
4
6
8
10
Operating Voltage V
+ (V)
Current Limit Sense Voltage vs. Operating Voltage
(V
+=3.3V, Ta=25oC)
0
200
400
600
800
1000
1200
1400
02
4
6
8
10
Operating Voltage V
+ (V)
Quiescent Current vs. Operating Voltage
(R
T
=47k
Ω, R
L
=Non Load, Ta=25
oC)
(V
+=3.3V, Gain=40dB, Ta=25oC)
0
15
30
45
60
0
45
90
135
180
0.1
1
10
100
1000 10000
Error Amplifier Block
Voltage Gain, Phase vs. Frequency
Frequency f (kHz)
Phase
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com