Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX29501T5-2.5 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX29501T5-2.5
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29501T5-2.5 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX29501T5-2.5 Datasheet HTML 3Page - Sipex Corporation SPX29501T5-2.5 Datasheet HTML 4Page - Sipex Corporation SPX29501T5-2.5 Datasheet HTML 5Page - Sipex Corporation SPX29501T5-2.5 Datasheet HTML 6Page - Sipex Corporation SPX29501T5-2.5 Datasheet HTML 7Page - Sipex Corporation SPX29501T5-2.5 Datasheet HTML 8Page - Sipex Corporation SPX29501T5-2.5 Datasheet HTML 9Page - Sipex Corporation SPX29501T5-2.5 Datasheet HTML 10Page - Sipex Corporation SPX29501T5-2.5 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
PACKAGES: 3 PIN TO-220
3 Pin TO-220
D
J1
C1
α (5X)
E
Q
H1
V
φ P
E-PIN
e3
L
e
e1
b1
R
DIMENSIONS
in inches
SYMBOL
MIN
MAX
A
0.160
0.190
b
0.025
0.040
C1
0.015
0.022
D
0.560
0.590
E
0.385
0.415
e
0.090
0.110
e1
0.190
0.210
e3
0.045
0.055
F
0.045
0.055
H1
0.234
0.258
J1
0.090
0.115
φ P
0.146
0.156
Q
0.103
0.113
L
0.540
0.560
α
3° typ
7° typ
b1
0.450
0.060
R
0.243 REF
6.170 REF
U
0.300 REF
7.620 REF
V
0.240 REF
6.100 REF
F
A
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com