Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP240GF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP240GF
Description  OFF-state output terminal voltage - 350 V (min)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240GF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP240GF Datasheet HTML 1Page - Toshiba Semiconductor TLP240GF Datasheet HTML 2Page - Toshiba Semiconductor TLP240GF Datasheet HTML 3Page - Toshiba Semiconductor TLP240GF Datasheet HTML 4Page - Toshiba Semiconductor TLP240GF Datasheet HTML 5Page - Toshiba Semiconductor TLP240GF Datasheet HTML 6Page - Toshiba Semiconductor TLP240GF Datasheet HTML 7Page - Toshiba Semiconductor TLP240GF Datasheet HTML 8Page - Toshiba Semiconductor TLP240GF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TLP240G,TLP240GF
2
5.
5.
5.
5. Packaging (Note)
Packaging (Note)
Packaging (Note)
Packaging (Note)
TLP240G
11-5B2S
TLP240G(LF1,TP1)
11-5B201S
TLP240G(LF5,TP5)
11-5B205S
TLP240GF
11-5B202S
TLP240GF(LF4,TP4)
11-5B204S
Note:
Through hole type: TLP240GA, TLP240GAF
Lead forming option: (LF1), (LF4), (LF5)
Taping option: (TP1), (TP4), (TP5)
6.
6.
6.
6. Pin Assignment
Pin Assignment
Pin Assignment
Pin Assignment
1: Anode
2: Cathode
3: Drain
4: Drain
7.
7.
7.
7. Internal Circuit
Internal Circuit
Internal Circuit
Internal Circuit
2015-09-10
Rev.3.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com