Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX3819M5 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX3819M5
Description  500mA, Low-Noise LDO Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819M5 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX3819M5 Datasheet HTML 1Page - Sipex Corporation SPX3819M5 Datasheet HTML 2Page - Sipex Corporation SPX3819M5 Datasheet HTML 3Page - Sipex Corporation SPX3819M5 Datasheet HTML 4Page - Sipex Corporation SPX3819M5 Datasheet HTML 5Page - Sipex Corporation SPX3819M5 Datasheet HTML 6Page - Sipex Corporation SPX3819M5 Datasheet HTML 7Page - Sipex Corporation SPX3819M5 Datasheet HTML 8Page - Sipex Corporation SPX3819M5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Date:6/8/2004
SPX3819 500mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
Ground Current vs Temperature with 500mA Load
Ground Current vs Temperature in Dropout
ENABLE Voltage, ON threshold, vs Input Voltage
Output Voltage vs Temperature
8.0
7.5
7.0
6.5
6.0
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
3.3V Device
VIN= 4.3µF
CL= 1.0µF
IL = 500mA
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
3.3V Device
VIN= 4.3µF
CL= 1.0µF
IL = 500mA
1.30
1.25
1.20
1.15
1.10
1.05
1.00
46
8
10
12
14
16
VIN (V)
3.3V Device
CL= 1.0µF
IL = 100µA
3.400
3.380
3.360
3.340
3.320
3.300
2.280
2.260
2.240
2.220
2.200
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
3.3V Device
VIN= 4.3µF
CL= 1.0µF
IL = 500mA
TYPICAL PERFORMANCE CHARACTERISTICS: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com