Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4141 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4141
Description  2 - phase Boost Converter Switching Regulator IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4141 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4141 Datasheet HTML 3Page - New Japan Radio NJW4141 Datasheet HTML 4Page - New Japan Radio NJW4141 Datasheet HTML 5Page - New Japan Radio NJW4141 Datasheet HTML 6Page - New Japan Radio NJW4141 Datasheet HTML 7Page - New Japan Radio NJW4141 Datasheet HTML 8Page - New Japan Radio NJW4141 Datasheet HTML 9Page - New Japan Radio NJW4141 Datasheet HTML 10Page - New Japan Radio NJW4141 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Automotive NJW4141
- 7 -
Ver.2016-02-22
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Junction-to-ambient
thermal resistance
ja
125 (*5)
83 (*6)
C/W
Junction-to-Top of package
characterization parameter
jt
13 (*5)
9 (*6)
C/W
(*5): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2Layers)
(*6): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers),
internal Cu area: 74.2×74.2mm
POWER DISSIPATION vs. AMBIENT TEMPERATURE
0
200
400
600
800
1000
1200
1400
1600
1800
-50
-25
0
25
50
75
100
125
150
Ambient Temperature : Ta (°C)
NJW4141VC3
Power Dissipation vs. Ambient Temperature
(Tj=~150°C)
At on 2 layer PC Board
At on 4 layer PC Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com