Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2621 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2621 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments LM2621 Datasheet HTML 10Page - Texas Instruments LM2621 Datasheet HTML 11Page - Texas Instruments LM2621 Datasheet HTML 12Page - Texas Instruments LM2621 Datasheet HTML 13Page - Texas Instruments LM2621 Datasheet HTML 14Page - Texas Instruments LM2621 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LM2621
www.ti.com
SNVS033D – MAY 2004 – REVISED NOVEMBER 2015
Typical Applications (continued)
8.2.1.2.2
Bootstrapping
When the output voltage (VOUT) is between 2.5 V and 5.0 V a bootstrapped operation is suggested. This is
achieved by connecting the VDD pin (Pin 6) to VOUT. However if the VOUT is outside this range, the VDD pin should
be connected to a voltage source whose range is between 2.5 V and 5 V. This can be the input voltage (VIN),
VOUT stepped down using a linear regulator, or a different voltage source available in the system. This is referred
to as non-bootstrapped operation. The maximum acceptable voltage at the BOOT pin (Pin 7) is 10 V.
8.2.1.2.3
Setting the Switching Frequency
The switching frequency of the oscillator is selected by choosing an external resistor (RFQ) connected between
FREQ and VDD pins. See Figure 9 for choosing the RFQ value to achieve the desired switching frequency. A high
switching frequency allows the use of very small surface mount inductors and capacitors and results in a very
small solution size. A switching frequency between 300 kHz and 2 MHz is recommended.
8.2.1.2.4
Inductor Selection
The LM2621's high switching frequency enables the use of a small surface mount inductor. A 6.8-µH shielded
inductor is suggested. The inductor should have a saturation current rating higher than the peak current it will
experience during circuit operation (see Figure 10). Less than 100-m
Ω ESR is suggested for high efficiency.
Open-core inductors cause flux linkage with circuit components and interfere with the normal operation of the
circuit. They should be avoided. For high efficiency, choose an inductor with a high frequency core material, such
as ferrite, to reduce the core losses. To minimize radiated noise, use a toroid, pot core or shielded core inductor.
The inductor should be connected to the SW pin as close to the IC as possible. See Table 1 for a list of the
inductor manufacturers.
8.2.1.2.5
Output Diode Selection
A Schottky diode should be used for the output diode. The forward current rating of the diode should be higher
than the load current, and the reverse voltage rating must be higher than the output voltage. Do not use ordinary
rectifier diodes, since slow switching speeds and long recovery times cause the efficiency and the load regulation
to suffer. Table 1 shows a list of the diode manufacturers.
8.2.1.2.6
Input and Output Filter Capacitors Selection
Tantalum chip capacitors are recommended for the input and output filter capacitors. A 22-µF capacitor is
suggested for the input filter capacitor. It should have a DC working voltage rating higher than the maximum
input voltage. A 68-µF tantalum capacitor is suggested for the output capacitor. The DC working voltage rating
should be greater than the output voltage. Very high ESR values (> 3
Ω) should be avoided.
8.2.1.3 Application Curves
Figure 15. Startup Vin=3.3V,Vout-5V, 10ms/div 1V/div
Figure 14. Startup Vin=1.2V,Vout-5V, 10ms/div 1V/div
(Ch3:Vin,Ch1:Vout)
(Ch3:Vin,Ch1:Vout)
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com