Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9316N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM9316N
Description  Synchronous 4-Bit Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM9316N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM9316N Datasheet HTML 1Page - National Semiconductor (TI) DM9316N Datasheet HTML 2Page - National Semiconductor (TI) DM9316N Datasheet HTML 3Page - National Semiconductor (TI) DM9316N Datasheet HTML 4Page - National Semiconductor (TI) DM9316N Datasheet HTML 5Page - National Semiconductor (TI) DM9316N Datasheet HTML 6Page - National Semiconductor (TI) DM9316N Datasheet HTML 7Page - National Semiconductor (TI) DM9316N Datasheet HTML 8Page - National Semiconductor (TI) DM9316N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock Frequency
25
MHz
tPLH
Propagation Delay Time
Clock
27
ns
Low to High Level Output
to RC
tPHL
Propagation Delay Time
Clock
24
ns
High to Low Level Output
to RC
tPLH
Propagation Delay Time
Clock
20
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clock
23
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Clock
21
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clock
25
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
ENT
15
ns
Low to High Level Output
to RC
tPHL
Propagation Delay Time
ENT
16
ns
High to Low Level Output
to RC
tPHL
Propagation Delay Time
Clear
36
ns
High to Low Level Output
to Q
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com