Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV140-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBV140-HF
Description  SMD Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV140-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBV140-HF Datasheet HTML 1Page - Comchip Technology CDBV140-HF Datasheet HTML 2Page - Comchip Technology CDBV140-HF Datasheet HTML 3Page - Comchip Technology CDBV140-HF Datasheet HTML 4Page - Comchip Technology CDBV140-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TYPICAL RATING AND CHARACTERISTIC CURVES (CDBV120-HF thru.
)
CDBV140-HF
Fig.1- Power Derating Curve
0
0
75
Reverse Voltage, VR (V)
50
100
125
200
300
25
100
SMD Schottky Barrier Diodes
250
150
50
0
10
100
250
0
20
5
200
150
50
15
TJ=25°C
f=1MHz
CDBV130-HF
CDBV120-HF
CDBV140-HF
Ambient Temperature, Ta (°C)
Fig.2- Capacitance Characteristics
TYPICAL RATING AND CHARACTERISTIC CURVES (CDBV120-HF)
QW-JB041
Page 2
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.3 - Forward Characteristics
10
100
Fig.4 - Reverse Characteristics
Reverse Voltage, VR (V)
0
800
200
400
600
3000
1000
TA = 25°C
TA = 100°C
1
0.1
20
1
1000
10
100
10
TA = 25°C
TA = 100°C
Forward Voltage, VF (mV)
6000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com