Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBW01540RF-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBW01540RF-HF
Description  Low IR SMD Schottky Barrier Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW01540RF-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBW01540RF-HF Datasheet HTML 1Page - Comchip Technology CDBW01540RF-HF Datasheet HTML 2Page - Comchip Technology CDBW01540RF-HF Datasheet HTML 3Page - Comchip Technology CDBW01540RF-HF Datasheet HTML 4Page - Comchip Technology CDBW01540RF-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low IR SMD Schottky Barrier Switching Diodes
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Reverse breakdown voltage
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
Unit
Symbol
Parameter
V(BR)R
VF1
IRM
CT
trr
VR=30V
V
V
μA
pF
ns
IF=1.0mA
Max.
Typ.
Min.
Conditions
40
0.39
0.41
0.2
2.2
1.0
IR=10μA
IF=15mA
VR=0 , f=1MHz
QW-JB001
Comchip Technology CO., LTD.
Page 2
REV:B
QW-JBS01
Company reserves the right to improve product design , functions and reliability without notice.
CDBW01540RF-HF
CDBW01560RF-HF
60
CDBW01540RF-HF
CDBW01560RF-HF
VF2
CDBW01540RF-HF
CDBW01560RF-HF
0.90
1.00
CDBW01540RF-HF
CDBW01560RF-HF
VR=50V
0.2
CDBW01540RF-HF
CDBW01560RF-HF
2.0
IR=IF=5mA
Irr=0.1*IR,RL=100Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com