Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBZ2120L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBZ2120L-HF
Description  Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ2120L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBZ2120L-HF Datasheet HTML 1Page - Comchip Technology CDBZ2120L-HF Datasheet HTML 2Page - Comchip Technology CDBZ2120L-HF Datasheet HTML 3Page - Comchip Technology CDBZ2120L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JL033
RATING AND CHARACTERISTIC CURVES (
)
CDBZ2120L-HF Thru. CDBZ2140L-HF
Fig.2 - Typical Forward Characteristics
Comchip Technology CO., LTD.
Page 2
REV:B
Low VF SMD Schottky Barrier Rectifiers
Company reserves the right to improve product design , functions and reliability without notice.
Percent of Rated Peak Reverse Voltage, (%)
60
40
0
Fig.4 - Typical Reverse Characteristics
0.001
0.01
10
100
Forward Voltage, (V)
0.001
0.01
0.1
10
100
20
80
Fig.3 - Non-repetitive Forward
Surge Current
0.1
1.0
Fig.5 - Typical Junction Capacitance
0
0.2
0.1
0.3
0.5
0.4
0.6
Number of Cycles at 60Hz
0
5
25
1
10
100
20
10
15
8.3ms single half sine-wave
Reverse Voltage, (V)
10
400
0
10
100
100
1
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
Fig.1 - Typical Forward Current
Derating Curve
Case Temperature, (°C)
0
0.8
1.4
0
25
175
0.4
1.0
0.6
1.2
50
75
100
125
150
0.2
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON
0.2X0.2"(5.0X5.0mm)
COPPER PAD AREAS
TJ=100°C
TJ=25°C
0.7
0.8
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com