Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBZ2140LL-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBZ2140LL-HF
Description  Ultra Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ2140LL-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBZ2140LL-HF Datasheet HTML 1Page - Comchip Technology CDBZ2140LL-HF Datasheet HTML 2Page - Comchip Technology CDBZ2140LL-HF Datasheet HTML 3Page - Comchip Technology CDBZ2140LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-JL031
Comchip Technology CO., LTD.
Page 4
REV:B
Ultra Low VF SMD Schottky Barrier Rectifiers
Part Number
CDBZ2140LL-HF
Marking Code
A4L
Marking Code
.
A4L
.
0.026 (0.67)
MAX.
0.034 (0.86)
MIN.
0.107 (2.73)
0.168 (4.26)
REF.
0.063 (1.60)
MIN.
MIN.
Company reserves the right to improve product design , functions and reliability without notice.
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
Z2PAK
Suggested PAD Layout
NOTES :
1. Dimensions in inches and (millimeter)
2. The Layout is just for reference.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com