Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4155 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4155
Description  Current Mode Control Internal 1.8A MOSFET Switching Regulator IC for Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4155 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4155 Datasheet HTML 3Page - New Japan Radio NJW4155 Datasheet HTML 4Page - New Japan Radio NJW4155 Datasheet HTML 5Page - New Japan Radio NJW4155 Datasheet HTML 6Page - New Japan Radio NJW4155 Datasheet HTML 7Page - New Japan Radio NJW4155 Datasheet HTML 8Page - New Japan Radio NJW4155 Datasheet HTML 9Page - New Japan Radio NJW4155 Datasheet HTML 10Page - New Japan Radio NJW4155 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NJW4155
- 7 -
Ver.2015-11-13
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Junction-to-ambient
thermal resistance
ja
HSOP8
158 (*7)
50 (*8)
C/W
TO-252-5
105 (*9)
40 (*8)
Junction-to-Top of package
characterization parameter
jt
HSOP8
28 (*7)
12 (*8)
C/W
TO-252-5
17 (*9)
12 (*8)
(*7): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 2Layers)
(*8): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers)
(For 4Layers: Applying 74.2×74.2mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5)
(*9): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard size, 2Layers, Cu area 100mm
2)
POWER DISSIPATION vs. AMBIENT TEMPERATURE
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
NJW4155GM1 (HSOP8 Package)
Power Dissipation vs. Ambient Temperature
(Tj=~150°C)
At on 4 layer PC Board (*8)
At on 2 layer PC Board (*7)
0
500
1000
1500
2000
2500
3000
3500
-50
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
NJW4155DL3 (TO-252-5 Package)
Power Dissipation vs. Ambient Temperature
(Tj=~150°C)
At on 4 layer PC Board (*8)
At on 2 layer PC Board (*9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com