Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBZ2240LL-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBZ2240LL-HF
Description  Ultra Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ2240LL-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBZ2240LL-HF Datasheet HTML 1Page - Comchip Technology CDBZ2240LL-HF Datasheet HTML 2Page - Comchip Technology CDBZ2240LL-HF Datasheet HTML 3Page - Comchip Technology CDBZ2240LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Low VF SMD Schottky Barrier Rectifiers
Reverse Voltage: 40 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV:B
Features
- Low power loss, High efficiency.
- High current capability, low VF.
Mechanical data
- Case: Packed with FRP substrate and epoxy underfilled.
- Terminals: Pure Tin plated (Lead-Free), solderable per
MIL-STD-750, method 2026.
CDBZ2240LL-HF
QW-JL032
Comchip Technology CO., LTD.
- Lead less chip form, no lead damage.
Halogen free
- Plastic package has UL 94V-0.
Company reserves the right to improve product design , functions and reliability without notice.
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
- Weight : 0.012 grams(approx.).
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
- Low forward voltage drop.
0.40
mA
Forward voltage (NOTE 1)
Parameter
Conditions
Min.
Typ.
Max.
Unit
VR = 4V, f = 1.0 MHz
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
°C/W
Thermal resistance
Junction to ambient (NOTE 2)
70
V
0.28
°C/W
Junction to case (NOTE 2)
22
VR = Max. VRRM , TA= 25°C
0.34
0.39
1.0
0.28
115
pF
Repetitive peak reverse current (NOTE 1)
@ IF = 0.5 A
@ IF = 2.0 A
@ IF = 1.0 A
Junction capacitance
-
-
V
VRRM
°C
TJ
Operating junction temperature range
Peak forward surge current (8.3ms single half sine-wave)
Parameter
Symbol
Unit
A
40
IFSM
A
2
IF(AV)
Average forward current
Repetitive peak reverse voltage
-55 to +125
40
Rating
°C
TSTG
Storage temperature range
-55 to +150
IRRM
VF
Symbol
RθJA
RθJC
CJ
Circuit Diagram
2
1
-
-
-
-
-
-
-
-
-
Dimensions in inches and (millimeter)
Z2PAK
R 0.012(0.30)
0.083(2.10)
0.142(3.60)
0.126(3.20)
0.046(1.16)
0.034(0.86)
0.035(0.90)
0.020(0.50)
0.035(0.90)
0.020(0.50)
0.067(1.70)
0.002(0.05)
0.018(0.45)
0.016(0.41)
0.098(2.50)
0.083(2.10)


Similar Part No. - CDBZ2240LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ2240-HF COMCHIP-CDBZ2240-HF Datasheet
153Kb / 5P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBZ2240LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA120LL-HF COMCHIP-CDBA120LL-HF Datasheet
95Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA220LL-HF COMCHIP-CDBA220LL-HF Datasheet
95Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ2140LL-HF COMCHIP-CDBZ2140LL-HF Datasheet
100Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBZ310100LL-HF COMCHIP-CDBZ310100LL-HF Datasheet
130Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBHA10200LR-HF COMCHIP-CDBHA10200LR-HF Datasheet
468Kb / 4P
Ultra Low VF Schottky Barrier Rectifiers
REV:A
CDBMS140LL-HF COMCHIP-CDBMS140LL-HF Datasheet
98Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
REV: A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com