Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4160 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4160
Description  Switching Regulator IC for Buck Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4160 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4160 Datasheet HTML 3Page - New Japan Radio NJW4160 Datasheet HTML 4Page - New Japan Radio NJW4160 Datasheet HTML 5Page - New Japan Radio NJW4160 Datasheet HTML 6Page - New Japan Radio NJW4160 Datasheet HTML 7Page - New Japan Radio NJW4160 Datasheet HTML 8Page - New Japan Radio NJW4160 Datasheet HTML 9Page - New Japan Radio NJW4160 Datasheet HTML 10Page - New Japan Radio NJW4160 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NJW4160
- 7 -
Ver.2014-04-01
CHARACTERISTICS
2.4
2.5
2.6
2.7
2.8
2.9
3
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Under Voltage Lockout Voltage
vs. Temperature
V
T_OFF
V
T_ON
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (oC)
Enable Control ON/OFF Voltage vs.Temperature
(V+=12V)
V
ON
V
OFF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Quiescent Current vs. Temperature
(C
T=470pF, RL=no load, VIN-
=V
FB=0.7V)
V+=3V
V+=12V
V+=35V
0
1
2
3
4
5
6
-50 -25
0
25
50
75 100 125 150
Ambient Temperature Ta (
oC)
Standby Current vs. Temperature
(V
EN=0V)
V+=12V
V+=35V
V+=3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com