Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP7920F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP7920F
Description  Photocouplers Optically Isolation Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7920F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP7920F Datasheet HTML 1Page - Toshiba Semiconductor TLP7920F Datasheet HTML 2Page - Toshiba Semiconductor TLP7920F Datasheet HTML 3Page - Toshiba Semiconductor TLP7920F Datasheet HTML 4Page - Toshiba Semiconductor TLP7920F Datasheet HTML 5Page - Toshiba Semiconductor TLP7920F Datasheet HTML 6Page - Toshiba Semiconductor TLP7920F Datasheet HTML 7Page - Toshiba Semiconductor TLP7920F Datasheet HTML 8Page - Toshiba Semiconductor TLP7920F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLP7920,TLP7920F
2
5.
5.
5.
5. Pin Assignment
Pin Assignment
Pin Assignment
Pin Assignment
5.1.
5.1.
5.1.
5.1. Pin Functions
Pin Functions
Pin Functions
Pin Functions
Pin No.
1
2
3
4
5
6
7
8
Symbol
VDD1
VIN+
VIN-
GND1
GND2
VOUT-
VOUT+
VDD2
Description
Input side supply voltage
Positive input
Negative input
Input side ground
Output side ground
Negative output
Positive output
Output side supply voltage
6.
6.
6.
6. Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Note:
A 0.1 µF bypass capacitor must be connected between 1 and 4 pins and between 5 and 8 pins.
7.
7.
7.
7. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
7.1.
7.1.
7.1.
7.1. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance
Internal isolation thickness
7.62-mm Pitch
TLP7920
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP7920F
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2015-09-10
Rev.1.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com