Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW4161 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW4161
Description  MOSFET Drive Switching Regulator IC for Buck Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4161 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW4161 Datasheet HTML 3Page - New Japan Radio NJW4161 Datasheet HTML 4Page - New Japan Radio NJW4161 Datasheet HTML 5Page - New Japan Radio NJW4161 Datasheet HTML 6Page - New Japan Radio NJW4161 Datasheet HTML 7Page - New Japan Radio NJW4161 Datasheet HTML 8Page - New Japan Radio NJW4161 Datasheet HTML 9Page - New Japan Radio NJW4161 Datasheet HTML 10Page - New Japan Radio NJW4161 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NJW4161
- 7 -
Ver.2015-05-11
TYPICAL CHARACTERISTICS
0.79
0.795
0.8
0.805
0.81
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Reference Voltage vs. Temperature
(V+=12V)
100
105
110
115
120
125
130
135
140
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Current Limit Detection Votage vs.Temperature
(V+=12V)
450
460
470
480
490
500
510
520
530
540
550
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Oscillating Frequency 1 vs. Temperature
(V+=12V, RT=3.6kW)
180
185
190
195
200
205
210
215
220
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Oscillating Frequency 2 vs. Temperature
(V+=12V, RT=10kW)
6
8
10
12
14
16
18
20
22
24
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
Soft Start Time vs. Temperature
(V+=12V, VB=0.75V)
9
9.5
10
10.5
11
-50
-25
0
25
50
75
100 125 150
Ambient Temperature Ta (ºC)
OUT pin Limiting Voltage vs.Temperature
(V+=12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com